Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U2CA-CU Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATSAM3U2CA-CU
Description  AT91ARM M3 Cortex-based Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U2CA-CU Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATSAM3U2CA-CU Datasheet HTML 53Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 54Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 55Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 56Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 57Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 58Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 59Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 60Page - ATMEL Corporation ATSAM3U2CA-CU Datasheet HTML 61Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
59
6430BS–ATARM–01-Sep-09
SAM3U Series
Revision History
In the tables that follow, the most recent version of the document appears first.
“rfo” indicates changes requested during the review and approval loop.
Doc Rev
6430B
Comments
Change
Request
Ref.
Introduction:
Section 1. ”SAM3U Description”, Updated: 52 Kbytes of SRAM. 4x USARTs (SAM3U1C/2C/4C have 3), up to
2x TWIs (SAM3U1C/2C/4C have 1), up to 5x SPIs SAM3U1C/2C/4C have 4),
Table 1-1, “Configuration Summary”,EBI column updated, 8 bits for SAM3U1C/2C/4C
SAM3U4/3/2C rows FWUP replaces NO in FWUP,SHDN pins column
6400
6642
Figure 2-1 ”144-pin SAM3U4/2/1E Block Diagram” and Figure 2-2 ”100-pin SAM3U4/2/1C Block Diagram”
updated, SM cell removed; UART moved to peripheral area, added Flash Unique block, removed 12B from
ADC block, added SysTick counter and Fmax 96 MHz to M3 block. FWUP replaces WKUP in fig 2-1, FWUP
added to fig 2-2
Figure 2-2 ”100-pin SAM3U4/2/1C Block Diagram”, NWR1/NBS1, NXRP0, A0 removed from block diagram.
6482/6642
rfo
Table 3-1, “Signal Description List”, Schmitt Trigger added ”PIO Controller - PIOA - PIOB - PIOC”. exception
details given in footnote.
VDDIN, VDDOUT added to table.
”Serial Wire/JTAG Debug Port (SWJ-DP)” replaced ICE and JTAG. This section of the table updated
status of pulldowns and pullups specified.
6480
rfo
Section 4. ”Package and Pinout”, reorganized according to product.
Section 4.1 ”SAM3U4/2/1E Package and Pinout” and Section 4.2 ”SAM3U4/2/1C Package and Pinout”,
pinouts finalized in datasheet.
6471/rfo
6607
Section 5.5.1 ”Backup Mode”, BOD replaced by Supply Monitor/SM. FWUP
→Falling Edge Detector.
Figure 5-4 ”Wake-up Source”, BODEN replaced by SMEN.
Table 5-1, “Low Power Mode Configuration Summary”, PIO state in Low Power Modes, backup mode is;
“Previous state saved.
rfo
6645
Section 6.6 ”NRSTB Pin”, VDDIO changed to VDDBU
Section 6. ”Input/Output Lines”, replaces Section 5.8 “Programmable I/O Lines”.
Section 6.1 ”General Purpose I/O Lines (GPIO)” and Section 6.2 ”System I/O Lines”, replace Section 6. “I/O
Line Considerations”.
Figure 6-1 ”On-Die Termination schematic”, added.
Section 6.8 “PIO Controllers”, removed.
Section 8. ”Product Mapping”, title changed from “Memories”.
Section 9. ”Memories”, now comprises Section 9.1 ”Embedded Memories” and Section 9.2 ”External
Memories”.
Section 9.1.3.5 ”Security Bit Feature”, updated
6646
6481/rfo
Table 7-3, “SAM3U Master to Slave Access”, Slave 9, High Speed Peripheral Bridge line added.
Section 7.2 ”APB/AHB Bridges”, reference to ADC updated “10-bit ADC, 12-bit ADC (ADC12B)”.
Table 11-3, “Multiplexing on PIO Controller B (PIOB)”, ADC12B2, ADC12B3 properly listed.
Section 12.10.1 ”12-bit High Speed ADC”, Section 12.10.2 ”10-bit Low Power ADC”, titles changed.
“Quadrature Decoder Logic” on page 51, properly stated in list of TC functions.
6663
6397
Section 12.10.1 ”12-bit High Speed ADC”, 2nd item on list updated.
Section 12.10.2 ”10-bit Low Power ADC”, Ksample values updated on 2nd item of list.
rfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com