Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 12Page - ATMEL Corporation ATtiny5 Datasheet HTML 13Page - ATMEL Corporation ATtiny5 Datasheet HTML 14Page - ATMEL Corporation ATtiny5 Datasheet HTML 15Page - ATMEL Corporation ATtiny5 Datasheet HTML 16Page - ATMEL Corporation ATtiny5 Datasheet HTML 17Page - ATMEL Corporation ATtiny5 Datasheet HTML 18Page - ATMEL Corporation ATtiny5 Datasheet HTML 19Page - ATMEL Corporation ATtiny5 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
8127CS–AVR–10/09
ATtiny4/5/9/10
9. Datasheet Revision History
9.1
Rev. 8127C – 10/09
1. Updated values and notes:
Table 16-1 in Section 16.2 “DC Characteristics” on page 116
Table 16-3 in Section 16.4 “Clock Characteristics” on page 118
Table 16-6 in Section 16.5.2 “VCC Level Monitor” on page 119
Table 16-9 in Section 16.8 “Serial Programming Characteristics” on page 121
2. Updated Figure 16-1 in Section 16.3 “Speed Grades” on page 117
3. Added Typical Characteristics Figure 17-36 in Section 17.2.7 “Analog Comparator Off-
set” on page 140. Also, updated some other plots in Typical Characteristics.
4. Added topside and bottomside marking notes in Section 6. “Ordering Information” on
page 10, up to page 13
5. Added ESD errata, see Section 8. “Errata” on page 15
6. Added Lock bits re-programming errata, see Section 8. “Errata” on page 15
9.2
Rev. 8127B – 08/09
1. Updated document template
2. Expanded document to also cover devices ATtiny4, ATtiny5 and ATtiny9
3. Added section:
– “Comparison of ATtiny4, ATtiny5, ATtiny9 and ATtiny10” on page 4
4. Updated sections:
“ADC Clock – clkADC” on page 18
“Starting from Idle / ADC Noise Reduction / Standby Mode” on page 20
“ADC Noise Reduction Mode” on page 24
“Analog to Digital Converter” on page 25
“SMCR – Sleep Mode Control Register” on page 25
“PRR – Power Reduction Register” on page 26
“Alternate Functions of Port B” on page 48
“Overview” on page 83
“Physical Layer of Tiny Programming Interface” on page 96
“Overview” on page 107
“ADC Characteristics (ATtiny5/10, only)” on page 120
“Supply Current of I/O Modules” on page 122
– “Register Summary” on page 6
– “Ordering Information” on page 10
5. Added figure:
“Using an External Programmer for In-System Programming via TPI” on page 97
6. Updated figure:
“Data Memory Map (Byte Addressing)” on page 15
7. Added table:
“Number of Words and Pages in the Flash (ATtiny4/5)” on page 109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com