Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 2Page - ATMEL Corporation ATtiny5 Datasheet HTML 3Page - ATMEL Corporation ATtiny5 Datasheet HTML 4Page - ATMEL Corporation ATtiny5 Datasheet HTML 5Page - ATMEL Corporation ATtiny5 Datasheet HTML 6Page - ATMEL Corporation ATtiny5 Datasheet HTML 7Page - ATMEL Corporation ATtiny5 Datasheet HTML 8Page - ATMEL Corporation ATtiny5 Datasheet HTML 9Page - ATMEL Corporation ATtiny5 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
8127CS–AVR–10/09
ATtiny4/5/9/10
4. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
Page 12
0x3E
SPH
Stack Pointer High Byte
Page 12
0x3D
SPL
Stack Pointer Low Byte
Page 12
0x3C
CCP
CPU Change Protection Byte
Page 12
0x3B
RSTFLR
–WDRF
EXTRF
PORF
Page 34
0x3A
SMCR
SM2
SM1
SM0
SE
Page 25
0x39
OSCCAL
Oscillator Calibration Byte
Page 21
0x38
Reserved
0x37
CLKMSR
CLKMS1
CLKMS0
Page 21
0x36
CLKPSR
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Page 22
0x35
PRR
PRADC
PRTIM0
Page 26
0x34
VLMCSR
VLMF
VLMIE
VLM2
VLM1
VLM0
Page 33
0x33
NVMCMD
NVM Comman
Page 115
0x32
NVMCSR
NVMBSY
Page 115
0x31
WDTCSR
WDIF
WDIE
WDP3
WDE
WDP2
WDP1
WDP0
Page 32
0x30
Reserved
0x2F
GTCCR
TSM
–PSR
Page 79
0x2E
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
WGM01
WGM00
Page 73
0x2D
TCCR0B
ICNC0
ICES0
WGM03
WGM02
CS02
CS01
CS00
Page 75
0x2C
TCCR0C
FOC0A
FOC0B
Page 76
0x2B
TIMSK0
–ICIE0
OCIE0B
OCIE0A
TOIE0
Page 78
0x2A
TIFR0
–ICF0
OCF0B
OCF0A
TOV0
Page 79
0x29
TCNT0H
Timer/Counter0 – Counter Register High Byte
Page 77
0x28
TCNT0L
Timer/Counter0 – Counter Register Low Byte
Page 77
0x27
OCR0AH
Timer/Counter0 – Compare Register A High Byte
Page 77
0x26
OCR0AL
Timer/Counter0 – Compare Register A Low Byte
Page 77
0x25
OCR0BH
Timer/Counter0 – Compare Register B High Byte
Page 77
0x24
OCR0BL
Timer/Counter0 – Compare Register B Low Byte
Page 77
0x23
ICR0H
Timer/Counter0 - Input Capture Register High Byte
Page 78
0x22
ICR0L
Timer/Counter0 - Input Capture Register Low Byte
Page 78
0x21
Reserved
0x20
Reserved
0x1F
ACSR
ACD
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
Page 81
0x1E
Reserved
0x1D
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
Page 93
0x1C
ADCSRB
ADTS2
ADTS1
ADTS0
Page 94
0x1B
ADMUX
MUX1
MUX0
Page 93
0x1A
Reserved
0x19
ADCL
ADC Conversion Result
Page 95
0x18
Reserved
0x17
DIDR0
ADC3D
ADC2D
ADC1D
ADC0D
Page 82, Page 95
0x16
Reserved
0x15
EICRA
ISC01
ISC00
Page 37
0x14
EIFR
INTF0
Page 38
0x13
EIMSK
INT0
Page 38
0x12
PCICR
PCIE0
Page 39
0x11
PCIFR
–PCIF0
Page 39
0x10
PCMSK
PCINT3
PCINT2
PCINT1
PCINT0
Page 39
0x0F
Reserved
0x0E
Reserved
0x0D
Reserved
0x0C
PORTCR
BBMB
Page 50
0x0B
Reserved
0x0A
Reserved
0x09
Reserved
0x08
Reserved
0x07
Reserved
0x06
Reserved
0x05
Reserved
0x04
Reserved
0x03
PUEB
PUEB3
PUEB2
PUEB1
PUEB0
Page 50
0x02
PORTB
PORTB3
PORTB2
PORTB1
PORTB0
Page 51
0x01
DDRB
DDRB3
DDRB2
DDRB1
DDRB0
Page 51
0x00
PINB
PINB3
PINB2
PINB1
PINB0
Page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com