Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9WT821 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # C9WT821
Description  White & Warm colored SMT package High CRI PKG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

C9WT821 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button C9WT821 Datasheet HTML 8Page - Seoul Semiconductor C9WT821 Datasheet HTML 9Page - Seoul Semiconductor C9WT821 Datasheet HTML 10Page - Seoul Semiconductor C9WT821 Datasheet HTML 11Page - Seoul Semiconductor C9WT821 Datasheet HTML 12Page - Seoul Semiconductor C9WT821 Datasheet HTML 13Page - Seoul Semiconductor C9WT821 Datasheet HTML 14Page - Seoul Semiconductor C9WT821 Datasheet HTML 15Page - Seoul Semiconductor C9WT821 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSC-QP-7-07-24 (Rev.00)
Rev. 01
Rev. 01
October 2009
October 2009
www.
www.acriche
acriche.com
.com
Lead Solder
2.5~5 C / sec.
o
o
o
Pre-heating
120~150 C
120sec. Max.
60sec. Max.
Above 200 C
o
240 C Max.
10 sec. Max.
2.5~5 C / sec.
11. Soldering
(1) Lead Solder
10 sec. Max.
Soldering time Condition
240℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
120~150℃
Pre-heat
Lead Solder
(2) Lead-Free Solder
(3) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
[Note] In case that the soldered products are reused in soldering process, we don’t guarantee the products.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter,
the picking up nozzle that does not affect the silicone resign should be used.
Lead-free Solder
1~5 C / sec.
o
o
o
1~5 C / sec.
Pre-heating
150~200 C
120sec. Max.
Above 220 C
o
260 C Max.
10 sec. Max.
10 sec. Max.
Soldering time Condition
260℃ Max.
Peak-Temperature
120 sec. Max.
Pre-heat time
150~200℃
Pre-heat
Lead Free Solder
o
60sec. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com