Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9WT821 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # C9WT821
Description  White & Warm colored SMT package High CRI PKG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

C9WT821 Datasheet(HTML) 4 Page - Seoul Semiconductor

  C9WT821 Datasheet HTML 1Page - Seoul Semiconductor C9WT821 Datasheet HTML 2Page - Seoul Semiconductor C9WT821 Datasheet HTML 3Page - Seoul Semiconductor C9WT821 Datasheet HTML 4Page - Seoul Semiconductor C9WT821 Datasheet HTML 5Page - Seoul Semiconductor C9WT821 Datasheet HTML 6Page - Seoul Semiconductor C9WT821 Datasheet HTML 7Page - Seoul Semiconductor C9WT821 Datasheet HTML 8Page - Seoul Semiconductor C9WT821 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSC-QP-7-07-24 (Rev.00)
Rev. 01
Rev. 01
October 2009
October 2009
www.
www.acriche
acriche.com
.com
2. Absolute maximum ratings
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-40 ~ +85
Topr
Operating Temperature
V
5
VR
Reverse Voltage (per die)
mA
100
IFM *2
Peak Forward Current
(Per die)
mA
90
IF
Forward Current
mW
324
Pd
Power Dissipation
Unit
Value
Symbol
Parameter
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 IFM was measured at T
W ≤ 0.1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electric & Optical characteristics
92
I
F =60mA
Ra
Color Rendering Index
lm/W
-
71
-
I
F =60mA
Ŋ
elc
Optical Efficiency
cd
-
4.5
4.0
I
F =60mA
IV
Luminance Intensity *1
[2,600 ~ 4,700 K ]
deg
-
120
-
I
F =60mA
2
θ
½
Viewing Angle *2
K
7,000
2,600
CCT
Color Temperature
lm
-
14
-
I
F =60mA
ΦV
Luminance Flux
[CIE X = 0.31, Y = 0.31]
µA
10
-
-
V
R=5V
IR
Reverse Current (per die)
V
3.6
3.3
3.0
I
F =20mA
VF
Forward Voltage (per die)
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned
with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is ±10%
*2. 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com