Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP214 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 69Page - ATMEL Corporation AT89LP214 Datasheet HTML 70Page - ATMEL Corporation AT89LP214 Datasheet HTML 71Page - ATMEL Corporation AT89LP214 Datasheet HTML 72Page - ATMEL Corporation AT89LP214 Datasheet HTML 73Page - ATMEL Corporation AT89LP214 Datasheet HTML 74Page - ATMEL Corporation AT89LP214 Datasheet HTML 75Page - ATMEL Corporation AT89LP214 Datasheet HTML 76Page - ATMEL Corporation AT89LP214 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
73
3538D–MICRO–10/09
AT89LP213/214
23.8
Programming Interface Timing
This section details general system timing sequences and constraints for entering or exiting In-
System Programming as well as parameters related to the Serial Peripheral Interface during
ISP. The general timing parameters for the following waveform figures are listed in Section
23.8.6 “Timing Parameters” on page 76.
23.8.1
Power-up Sequence
Execute this sequence to enter programming mode immediately after power-up. In the RST pin
is disabled or if the ISP Fuse is disabled, this is the only method to enter programming (see Sec-
tion 10.3 “External Reset” on page 16).
1.
Apply power between VCC and GND pins. RST should remain low.
2.
Wait at least t
PWRUP. and drive SS high.
3.
Wait at least t
SUT for the internal Power-on Reset to complete. The value of tSUT will
depend on the current settings of the device.
4.
Start programming session.
Figure 23-5. Serial Programming Power-up Sequence
23.8.2
Power-down Sequence
Execute this sequence to power-down the device after programming.
1.
Drive SCK low.
2.
Wait at least t
SSD and bring SS high.
3.
Tristate MOSI.
4.
Wait at least t
SSZ and then tristate SS and SCK.
5.
Wait no more than t
PWRDN and power off VCC.
Figure 23-6. Serial Programming Power-down Sequence
VCC
RST
SS
SCK
HIGH Z
MISO
HIGH Z
MOSI
tPWRUP
tPOR + tSUT
tZSS
VCC
RST
SS
SCK
HIGH Z
MISO
HIGH Z
MOSI
tPWRDN
tSSD
tSSZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com