Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP214 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89LP214
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP214 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89LP214 Datasheet HTML 48Page - ATMEL Corporation AT89LP214 Datasheet HTML 49Page - ATMEL Corporation AT89LP214 Datasheet HTML 50Page - ATMEL Corporation AT89LP214 Datasheet HTML 51Page - ATMEL Corporation AT89LP214 Datasheet HTML 52Page - ATMEL Corporation AT89LP214 Datasheet HTML 53Page - ATMEL Corporation AT89LP214 Datasheet HTML 54Page - ATMEL Corporation AT89LP214 Datasheet HTML 55Page - ATMEL Corporation AT89LP214 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
52
3538D–MICRO–10/09
AT89LP213/214
Notes:
1. Set up the clock mode before enabling the SPI: set all bits needed in SPCR except the SPE bit, then set SPE.
2. Enable the master SPI prior to the slave device.
3. Slave echoes master on the next Tx if not loaded with new data.
Table 18-1.
SPCR – SPI Control Register
SPCR Address = E9H
Reset Value = 0000 0000B
Not Bit Addressable
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
765432
10
Symbol
Function
SPIE
SPI interrupt enable. This bit, in conjunction with the ES bit in the IE register, enables SPI interrupts: SPIE = 1 and ES = 1
enable SPI interrupts. SPIE = 0 disables SPI interrupts.
SPE
SPI enable. SPI = 1 enables the SPI channel and connects SS, MOSI, MISO and SCK to pins P1.4, P1.5, P1.6, and P1.7.
SPI = 0 disables the SPI channel.
DORD
Data order. DORD = 1 selects LSB first data transmission. DORD = 0 selects MSB first data transmission.
MSTR
Master/slave select. MSTR = 1 selects Master SPI mode. MSTR = 0 selects slave SPI mode.
CPOL
Clock polarity. When CPOL = 1, SCK is high when idle. When CPOL = 0, SCK of the master device is low when not
transmitting. Please refer to figure on SPI clock phase and polarity control.
CPHA
Clock phase. The CPHA bit together with the CPOL bit controls the clock and data relationship between master and
slave. Please refer to figure on SPI clock phase and polarity control.
SPR0
SPR1
SPI clock rate select. These two bits control the SCK rate of the device configured as master. SPR1 and SPR0 have no
effect on the slave. The relationship between SCK and the oscillator frequency, F
OSC., is as follows:
SPR1
SPR0
SCK
00
f
OSC/4
01
f
OSC/8
10
f
OSC/32
11
f
OSC/64
Table 18-2.
SPDR – SPI Data Register
SPDR Address = EAH
Reset Value = 00H (after cold reset)
unchanged (after warm reset)
Not Bit Addressable
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Bit
76543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com