Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA8X0 Datasheet(PDF) 3 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 3 Page - VTI technologies

  SCA8X0 Datasheet HTML 1Page - VTI technologies SCA8X0 Datasheet HTML 2Page - VTI technologies SCA8X0 Datasheet HTML 3Page - VTI technologies SCA8X0 Datasheet HTML 4Page - VTI technologies SCA8X0 Datasheet HTML 5Page - VTI technologies SCA8X0 Datasheet HTML 6Page - VTI technologies SCA8X0 Datasheet HTML 7Page - VTI technologies SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
3/35
www.vti.fi
Doc. Nr. 82 694 00 C
3.1.2.2
Y_MSB.........................................................................................................................................13
3.1.3
Z axis acceleration output...................................................................................................................13
3.1.3.1
Z_LSB..........................................................................................................................................13
3.1.3.2
Z_MSB.........................................................................................................................................13
3.1.4
Output data conversion.......................................................................................................................14
3.1.4.1
2g products ..................................................................................................................................14
3.1.4.2
6 g products .................................................................................................................................15
3.1.4.3
1 g products .................................................................................................................................15
3.1.5
Temperature output ............................................................................................................................15
3.1.5.1
Temperature Register Low (TEMP_LSB)....................................................................................15
3.1.5.2
Temperature Register High (TEMP_MSB) ..................................................................................16
3.1.6
Status Register (STATUS)..................................................................................................................17
3.1.7
Interrupt Status Register (INT_STATUS) ...........................................................................................17
3.2
Operation control registers.....................................................................................................18
3.2.1
Control Register (CTRL) .....................................................................................................................18
3.2.2
Reset Register (RESET).....................................................................................................................19
3.3
Identification registers ............................................................................................................19
3.3.1
Revision ID (REVID) ...........................................................................................................................19
3.3.2
Component ID (ID)..............................................................................................................................19
4
SPI Interface ......................................................................................................................20
4.1
Output of Acceleration Data ...................................................................................................21
4.1.1
Register read operation ......................................................................................................................22
4.1.2
Decremented register read operation .................................................................................................22
4.1.3
MOSI data of SPI commands .............................................................................................................23
4.2
Error Conditioning ...................................................................................................................23
4.2.1
FRME-bit.............................................................................................................................................23
4.2.2
PORST-bit...........................................................................................................................................23
4.2.3
ST-bit (SCA21X0 / 3100) ....................................................................................................................24
4.2.4
SAT-bit (SCA21X0 / 3100)..................................................................................................................24
4.2.5
aPAR-bit (SCA21X0 / 3100) ...............................................................................................................24
4.2.6
dPAR-bit..............................................................................................................................................25
4.2.7
Fixed bits.............................................................................................................................................25
4.2.8
Output data .........................................................................................................................................25
5
Electrical Characteristics .................................................................................................26
5.1
Absolute maximum ratings.....................................................................................................26
5.2
Power Supply ...........................................................................................................................26
5.3
Digital I/O Specification...........................................................................................................26
5.3.1
DC Characteristics ..............................................................................................................................26
5.3.2
AC Characteristics ..............................................................................................................................26
6
Application information ....................................................................................................28
6.1
Package dimensions ...............................................................................................................28
6.2
Output to Angle Conversion ...................................................................................................29
6.3
Measuring Directions ..............................................................................................................30
6.4
Pin Description.........................................................................................................................31
6.5
Recommended circuit diagram ..............................................................................................31
6.6
Recommended PWB layout ....................................................................................................32
6.7
Assembly instructions ............................................................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com