Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA8X0 Datasheet(PDF) 12 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 12 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies SCA8X0 Datasheet HTML 10Page - VTI technologies SCA8X0 Datasheet HTML 11Page - VTI technologies SCA8X0 Datasheet HTML 12Page - VTI technologies SCA8X0 Datasheet HTML 13Page - VTI technologies SCA8X0 Datasheet HTML 14Page - VTI technologies SCA8X0 Datasheet HTML 15Page - VTI technologies SCA8X0 Datasheet HTML 16Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
12/35
www.vti.fi
Doc. Nr. 82 694 00 C
by CTRL register (see more info in 3.2.1). Note that acceleration output data is not valid during test
and after test is started to one direction there has to be 50ms wait time before output data is used.
2.7.2.2
Monitor acceleration data during mass deflection
Acceleration data can be read out from acceleration output registers during mass deflection self-
test in start-up or during operation, in case that test is repeated by the request. Monitoring this data
it is possible to determine product frequency response and check product timing properties.
3
Addressing Space
Table 5 presents the registers of SCA8X0, SCA21X0 and SCA31X0 products.
Table 5:
Register address space
Addr
hex
Name
Description
Mode
(R/RW)
00
REVID
ASIC revision ID number
R
01
CTRL
Control
RW
02
STATUS
Status
R
03
RESET
Reset component
RW
04
X_LSB
X-axis (or Y- or Z-axis in SCA8X0) LSB frame
R
05
X_MSB
X-axis (or Y- or Z-axis in SCA8X0) MSB frame
R
06
Y_LSB
Y-axis LSB frame in multi-axis components
R
07
Y_MSB
Y-axis MSB frame in multi-axis components
R
08
Z_LSB
Z-axis LSB frame in multi-axis components
R
09
Z_MSB
Z-axis MSB frame in multi-axis components
R
0A
Reserved
-
...
Reserved
-
11
Reserved
-
12
TEMP_LSB
Temperature LSB frame
R
13
TEMP_MSB
Temperature MSB frame
R
14
Reserved
-
15
Reserved
-
16
INT_STATUS Interrupt status register in multi-axis components
R
17
Reserved
-
...
Reserved
-
26
Reserved
-
27
ID
Component ID
RW
28
Reserved
-
...
Reserved
-
3F
Reserved
-
3.1
Output registers
3.1.1
X axis acceleration output
3.1.1.1
X_LSB
Address: 4h
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
X-axis LSB frame (or Y-axis or Z-axis in SCA8X0)
Read always X_MSB prior to X_LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com