Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89LP2052 Datasheet HTML 1Page - ATMEL Corporation AT89LP2052 Datasheet HTML 2Page - ATMEL Corporation AT89LP2052 Datasheet HTML 3Page - ATMEL Corporation AT89LP2052 Datasheet HTML 4Page - ATMEL Corporation AT89LP2052 Datasheet HTML 5Page - ATMEL Corporation AT89LP2052 Datasheet HTML 6Page - ATMEL Corporation AT89LP2052 Datasheet HTML 7Page - ATMEL Corporation AT89LP2052 Datasheet HTML 8Page - ATMEL Corporation AT89LP2052 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
3
3547J–MICRO–10/09
AT89LP2052/LP4052
3.
Pin Description
Pin
Symbol
Type
Description
1RST
I
I
RST: External Active-High Reset input.
VPP: Parallel Programming Voltage. Raise to 12V to enable programming.
2P3.0
I/O
I
P3.0: User-configurable I/O Port 3 bit 0.
RXD: Serial Port Receiver input.
3P3.1
I/O
O
P3.1: User-configurable I/O Port 3 bit 1.
TXD: Serial Port Transmitter output.
4XTAL2
O
XTAL2: Output from inverting oscillator amplifier.
5XTAL1
I
XTAL1: Input to the inverting oscillator amplifier and internal clock generation circuits.
6P3.2
I/O
I
P3.2: User-configurable I/O Port 3 bit 2.
INT0: External Interrupt 0 input.
7P3.3
I/O
I
P3.3: User-configurable I/O Port 3 bit 3.
INT1: External Interrupt 1input.
8P3.4
I/O
I/O
P3.4: User-configurable I/O Port 3 bit 4.
T0: Timer 0 Counter input or PWM output
9P3.5
I/O
I/O
P3.5: User-configurable I/O Port 3 bit 5.
T1: Timer 1 Counter input or PWM output
10
GND
I
Ground
11
P3.7
I/O
O
P3.7: User-configurable I/O Port 3 bit 7.
SYSCLK: System Clock Output when System Clock Fuse is enabled.
12
P1.0
I/O
I
P1.0: User-configurable I/O Port 1 bit 0.
AIN0: Analog Comparator Positive input.
13
P1.1
I/O
I
P1.1: User-configurable I/O Port 1 bit 1.
AIN1: Analog Comparator Negative input.
14
P1.2
I/O
P1.2: User-configurable I/O Port 1 bit 2.
15
P1.3
I/O
P1.3: User-configurable I/O Port 1 bit 3
16
P1.4
I/O
I
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI slave select.
17
P1.5
I/O
I/O
P1.5: User-configurable I/O Port 1 bit 5.
MOSI: SPI master-out/slave-in. When configured as master, this pin is an output. When configured as
slave, this pin is an input.
18
P1.6
I/O
I/O
P1.6: User-configurable I/O Port 1 bit 6.
MISO: SPI master-in/slave-out. When configured as master, this pin is an input. When configured
as slave, this pin is an output.
19
P1.7
I/O
I/O
P1.7: User-configurable I/O Port 1 bit 7.
SCK: SPI Clock. When configured as master, this pin is an output. When configured as slave, this pin is
an input.
20
VCC
I
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com