Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 48Page - ATMEL Corporation AT89LP2052 Datasheet HTML 49Page - ATMEL Corporation AT89LP2052 Datasheet HTML 50Page - ATMEL Corporation AT89LP2052 Datasheet HTML 51Page - ATMEL Corporation AT89LP2052 Datasheet HTML 52Page - ATMEL Corporation AT89LP2052 Datasheet HTML 53Page - ATMEL Corporation AT89LP2052 Datasheet HTML 54Page - ATMEL Corporation AT89LP2052 Datasheet HTML 55Page - ATMEL Corporation AT89LP2052 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
52
3547J–MICRO–10/09
AT89LP2052/LP4052
S
22. Instruction Set Summary
The AT89LP2052/LP4052 is fully binary compatible with the MCS-51 instruction set. The
difference between the AT89LP2052/LP4052 and the standard 8051 is the number of cycles
required to execute an instruction. Instructions in the AT89LP2052/LP4052 may take 1, 2, 3 or 4
clock cycles to complete. The execution times of most instructions may be computed using
Table 22-1.
Table 21-2.
WDTCON – Watchdog Control Register
WDTCON Address = A7H
Reset Value = 0000 XX00B
Not Bit Addressable
PS2
PS1
PS0
WDIDLE
–
–
WDTOVF
WDTEN
Bit
7
654
321
0
Symbol
Function
PS2
PS1
PS0
Prescaler bits for the watchdog timer (WDT). When all three bits are cleared to 0, the watchdog timer has a nominal
period of 16K clock cycles. When all three bits are set to 1, the nominal period is 2048K clock cycles.
WDIDLE
Disable/enable the Watchdog Timer in IDLE mode. When WDIDLE = 0, WDT continues to count in IDLE mode. When
WDIDLE = 1, WDT freezes while the device is in IDLE mode.
WDTOVF
Watchdog Overflow Flag. Set when a WDT reset is generated by the WDT timer overflow. Also set when an incorrect
sequence is written to WDTRST. Must be cleared by software.
WDTEN
Watchdog Enable Flag. This bit is READ-ONLY and reflects the status of the WDT (whether it is running or not). The
WDT is disabled after any reset and must be re-enabled by writing 1EH/E1H to WDTRST
Table 21-3.
WDTRST – Watchdog Reset Register
WDTCON Address = A6H
(Write-Only)
Not Bit Addressable
–
–
–
–––
––
Bit
7
654
321
0
The WDT is enabled by writing the sequence 1EH/E1H to the WDTRST SFR. The current status may be checked by reading
the WDTEN bit in WDTCON. To prevent the WDT from resetting the device, the same sequence 1EH/E1H must be written to
WDTRST before the time-out interval expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com