Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP428 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 51Page - ATMEL Corporation AT89LP428 Datasheet HTML 52Page - ATMEL Corporation AT89LP428 Datasheet HTML 53Page - ATMEL Corporation AT89LP428 Datasheet HTML 54Page - ATMEL Corporation AT89LP428 Datasheet HTML 55Page - ATMEL Corporation AT89LP428 Datasheet HTML 56Page - ATMEL Corporation AT89LP428 Datasheet HTML 57Page - ATMEL Corporation AT89LP428 Datasheet HTML 58Page - ATMEL Corporation AT89LP428 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
55
3654A–MICRO–8/09
AT89LP428/828
12.2
Capture Mode
In the Capture mode, Timer 2 is a fixed 16-bit timer or counter that counts up from MIN to MAX.
An overflow from MAX to MIN sets bit TF2 in T2CON. If EXEN2 = 1, a 1-to-0 transition at exter-
nal input T2EX also causes the current value in TH2 and TL2 to be captured into RCAP2H and
RCAP2L, respectively. In addition, the transition at T2EX causes bit EXF2 in T2CON to be set.
The EXF2 and TF2 bits can generate an interrupt. Capture mode is illustrated in Figure 12-1.
The Timer 2 overflow rate in Capture mode is given by the following equation:
Figure 12-1. Timer 2 Diagram: Capture Mode
12.3
Auto-Reload Mode
Timer 2 can be programmed to count up or down when configured in its 16-bit auto-reload
mode. This feature is invoked by the DCEN (Down Counter Enable) bit located in the SFR
T2MOD (see Table 12-4). Upon reset, the DCEN bit is set to 0 so that timer 2 will default to
count up. When DCEN is set, Timer 2 can count up or down, depending on the value of the
T2EX pin. The overflow and reload values depend on the Timer 2 Count Mode bits, T2CM
1-0 in
T2MOD. A summary of the Auto-reload behaviors is listed in Table 12-5.
Capture Mode:
Time-out Period
65536
Oscillator Frequency
-------------------------------------------------------
TPS
1
+
()
×
=
÷TPS
EXF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CAPTURE
OVERFLOW
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
RCAP2H
RCAP2L
TL2
TH2
TF2
OSC
Table 12-5.
Summary of Auto-reload Modes
T2CM
1-0
DCEN
T2EX
Direction
Behavior
00
0
X
Up
reload to BOTTOM
00
1
0
Down
underflow to MAX
00
1
1
Up
overflow to BOTTOM
01
0
X
Up
reload to MIN
01
1
0
Down
underflow to TOP
01
1
1
Up
overflow to MIN
10
X
X
Up-down
and repeat
11
X
X
Up-down
and repeat
BOTTOM
MAX
MAX
BOTTOM
BOTTOM
MAX
MIN
TOP
TOP
MIN
MIN
TOP
MIN
TOP
MIN
→→
MIN
TOP
MIN
→→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com