Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP428 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 59Page - ATMEL Corporation AT89LP428 Datasheet HTML 60Page - ATMEL Corporation AT89LP428 Datasheet HTML 61Page - ATMEL Corporation AT89LP428 Datasheet HTML 62Page - ATMEL Corporation AT89LP428 Datasheet HTML 63Page - ATMEL Corporation AT89LP428 Datasheet HTML 64Page - ATMEL Corporation AT89LP428 Datasheet HTML 65Page - ATMEL Corporation AT89LP428 Datasheet HTML 66Page - ATMEL Corporation AT89LP428 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 149 page
background image
63
3654A–MICRO–8/09
AT89LP428/828
Note:
All writes/reads to/from T2CCH will access channel X as currently selected by T2CCA.The data registers for the remaining
unselected channels are not accessible.
Note:
All writes/reads to/from T2CCL will access channel X as currently selected by T2CCA.The data registers for the remaining
unselected channels are not accessible.
Table 13-1.
T2CCA – Timer/Counter 2 Compare/Capture Address
T2CCA Address = 0D1H
Reset Value = xxxx xx00B
Not Bit Addressable
T2CCA.1
T2CCA.0
Bit
7
654
321
0
Symbol
Function
T2CCA
[1 - 0]
Compare/Capture Address. Selects which CCA channel is currently accessible through the T2CCH, T2CCL and T2CCC
registers. Only one channel may be accessed at a time.
T2CCA1
T2CCA0
Channel
0
0
A – T2CCH, T2CCL and T2CCC access data and control for Channel A
0
1
B – T2CCH, T2CCL and T2CCC access data and control for Channel B
1
0
C – T2CCH, T2CCL and T2CCC access data and control for Channel C
1
1
D – T2CCH, T2CCL and T2CCC access data and control for Channel D
Table 13-2.
T2CCH – Timer/Counter 2 Compare/Capture Data High
T2CCH Address = 0D2H
Reset Value = 0000 0000B
Not Bit Addressable
T2CCD.15
T2CCD.14
T2CCD.13
T2CCD.12
T2CCD.11
T2CCD.10
T2CCD.9
T2CCD.8
Bit
7
654
321
0
Symbol
Function
T2CCD
[15 - 8]
Compare/Capture Data (High Byte). Reads from T2CCH will return the high byte from the CCA channel currently
selected by T2CCA. The high byte of the selected CCA channel will be updated with the contents of T2CCH when
T2CCL is written. When writing multiple channels with the same high byte, T2CCH need not be updated between writes
to T2CCL.
Table 13-3.
T2CCL – Timer/Counter 2 Compare/Capture Data Low
T2CCC Address = 0D3H
Reset Value = 0000 0000B
Not Bit Addressable
T2CCD.7
T2CCD.6
T2CCD.5
T2CCD.4
T2CCD.3
T2CCD.2
T2CCD.1
T2CCD.0
Bit
7
654
321
0
Symbol
Function
T2CCD
[7 - 0]
Compare/Capture Data (Low Byte). Reads from T2CCL will return the low byte from the CCA channel currently selected
by T2CCA. Writes to T2CCL will update the selected CCA channel with the 16-bit contents of T2CCH and T2CCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com