Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697E Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 9Page - ATMEL Corporation AT697E Datasheet HTML 10Page - ATMEL Corporation AT697E Datasheet HTML 11Page - ATMEL Corporation AT697E Datasheet HTML 12Page - ATMEL Corporation AT697E Datasheet HTML 13Page - ATMEL Corporation AT697E Datasheet HTML 14Page - ATMEL Corporation AT697E Datasheet HTML 15Page - ATMEL Corporation AT697E Datasheet HTML 16Page - ATMEL Corporation AT697E Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
13
AT697
4226G–AERO–05/09
REQ* indicates to the arbiter that this agent desires use of the bus. This is a point-to-
point signal. Every master has its own REQ* which must be tri-stated while PCI_RST* is
asserted.
GNT* - PCI Bus Grant (input)
GNT* indicates to the agent that access to the bus has been granted. This is a point-to-
point signal. Every master has its own GNT* which must be ignored while PCI_RST* is
asserted.
PCI_CLK - PCI clock (input)
PCI_CLK provides timing for all transactions on PCI. All other PCI signals, except
PCI_RST*, are sampled on the rising edge of PCI_CLK and all other timing parameters
are defined with respect to this edge.
PCI_RST* - PCI Reset (input)
Reset is used to bring PCI-specific registers, sequencers, and signals to a consistent
state.
PERR* - Parity Error (bi-directional)
Parity Error is only for the reporting of data parity errors during all PCI transactions
except a Special Cycle. The PERR* pin is sustained tri-state and must be driven active
by the agent receiving data two clocks following the data when a data parity error is
detected. The minimum duration of PERR* is one clock for each data phase that a data
parity error is detected.
SERR* - System Error (bi-directional)
System Error is for reporting address parity errors, data parity errors on the special cycle
command, or any other system error where the result will be catastrophic. If an agent
does not want a non-maskable interrupt (NMI) to be generated, a different reporting
mechanism is required.
SYSEN* - PCI Host (input)
This active low input specifies the configuration of the device. At boot-up time, if
SYSEN* is sampled at a low level, the device is configured as the host of the PCI bus. If
SYSEN* is sampled at a high level, the device is configured as a satellite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com