Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697E Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 35Page - ATMEL Corporation AT697E Datasheet HTML 36Page - ATMEL Corporation AT697E Datasheet HTML 37Page - ATMEL Corporation AT697E Datasheet HTML 38Page - ATMEL Corporation AT697E Datasheet HTML 39Page - ATMEL Corporation AT697E Datasheet HTML 40Page - ATMEL Corporation AT697E Datasheet HTML 41Page - ATMEL Corporation AT697E Datasheet HTML 42Page - ATMEL Corporation AT697E Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
38
AT697E
4226G–AERO–05/09
value in MCFG1 register defines the number of waitstates to insert during a PROM
write.
PRRWS and PRWWS field can be programmed to take values from 0 up to 15. The
effective number of waitstates applied during an access is then twice the programmed
value. In that way, programming two waitstates result in the insertion of four wait cycles
during the access.
If the application needs more delay during the PROM access, it is possible to introduce
more delay acting on the bus ready line ( BRDY* ). If the BRDY* pin is set high, the pro-
cessor wait before ending the transfer. As soon as the BRDY* pin is driven low, the
processor ends the access.
After a reset operation of the processor (or at power up), the read and write waitstates
fields for the PROM area are set default to 15, resulting in 30 effective waitstates.
Write Protection
Write protection is provided to prevent accidental over-writing to PROM area. It is con-
trolled through the PROM write enable bit (PRWE*) from the memory configuration
register 1. When set 1, this bit enables write to PROM. When set 0, no PROM write
cycle is available.
Bus width
To support applications with low memory and performance requirements, the PROM
area can be configured for 8-bit operations. The configuration of PROM in 8-bit mode is
done programming the ROM bus width field in he memory configuration registers
MCFG1.
When the PROM bus is configured as an 8-bit wide bus, data 31 downto 24 shall be
used as interface.
Figure 21. PROM 8-bit bus width connection
Since access to memory is always done on 32-bit word basis, read access to 8-bit mem-
ory will be transformed in a burst of four read cycles. If EDAC protection is active, 5 read
cycles are necessary to complete the access (please refer to protection section for more
details). During write operation, only the necessary bytes are writen.
In addition to the 8-bit mode, the PROM area can be configured for 16-bit accesses. In
this configuration, the PROM device is accessed with a burst of two 16-bit accesses. No
EDAC protection can be used with suh configuration.
When the bus is configured as an 16-bit wide bus, data 31 downto 16 shall be used as
interface.
CS
OE
WE
A
D
PROM
OE*
AD
AT697
A[27:0]
D[31:24]
D[31:24]
A[27:0]
WRITE*
ROMS0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com