Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX844 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MX844
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844 Datasheet(HTML) 3 Page - IXYS Corporation

  MX844 Datasheet HTML 1Page - IXYS Corporation MX844 Datasheet HTML 2Page - IXYS Corporation MX844 Datasheet HTML 3Page - IXYS Corporation MX844 Datasheet HTML 4Page - IXYS Corporation MX844 Datasheet HTML 5Page - IXYS Corporation MX844 Datasheet HTML 6Page - IXYS Corporation MX844 Datasheet HTML 7Page - IXYS Corporation MX844 Datasheet HTML 8Page - IXYS Corporation MX844 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MX844
3
08/25/06
Drawing No. 084423
www.claremicronix.com
MX844
IXYS
PIN DESCRIPTION
Pin No.
Pin Name
Description
1
GND
Ground
2
VTRIM
Optional Full Scale Trim Input
3
BUF
Integrating Resistor Output
4
IZ
Integrator Zero Output
5
CAZ
Auto Zero Capacitor Input
6
CINT
Integrator Capacitor Input
7
IN1P
Input Channel 1 Positive
8
IN1N
Input Channel 1 Negative
9
IN2P
Input Channel 2 Positive
10
IN2N
Input Channel 2 Negative
11
IN3P
Input Channel 3 Positive
12
IN3N
Input Channel 3 Negative
13
M1
Divisor Mode Input
14
SYNC
A/D Converter Reset Input
15
DRDY
A/D Converter Data Ready Output (Active Low)
16
SCK
Serial Clock Input
17
SDO
Serial Data Output
18
SDI
Serial Data Input
19
CS
Serial Chip Select (Active Low)
20
X1
Xtal 1 Input
21
X2
Xtal 2 Output
22
AOUT
Asynchronous Data Output
23
CMP
Comparator Output
24
VCC2
Must Be Connected to Vcc
25
VCC
Regulator Output / Logic Supply Input
26
VIN
Regulator Voltage Input
27
RIN
Regulator Internal MOSFET Gate
28
DRV
Regulator External PNP Base Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com