Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX844 Datasheet(PDF) 7 Page - IXYS Corporation

Part # MX844
Description  12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX844 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button MX844 Datasheet HTML 3Page - IXYS Corporation MX844 Datasheet HTML 4Page - IXYS Corporation MX844 Datasheet HTML 5Page - IXYS Corporation MX844 Datasheet HTML 6Page - IXYS Corporation MX844 Datasheet HTML 7Page - IXYS Corporation MX844 Datasheet HTML 8Page - IXYS Corporation MX844 Datasheet HTML 9Page - IXYS Corporation MX844 Datasheet HTML 10Page - IXYS Corporation MX844 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MX844
7
08/25/06
Drawing No. 084423
www.claremicronix.com
IXYS
MX844
Example internal divider settings and clock frequencies for standard baud rates:
CR7:5
M1
Baud
ADC
Clock
baud
ADC
Clock
baud
ADC
divider
divider
(MHz)
rate
conv/s
(MHz)
rate
conv/s
000
1
8*52
8
12.0
28.8K
366
16.0
38.4K
488
001
1
4*52
4
6.0
28.8K
366
8.0
38.4K
488
010
1
12*64
12
11.059
14.4K
225
14.746
19.2K
300
011
1
13*64
13
12.0
14.4K
225
16.0
19.2K
300
000
0
8*64
8
14.746
28.8K
450
9.83
19.2K
300
001
0
4*64
4
14.746
57.6K
900
9.83
38.4K
600
010
0
6*64
6
11.059
28.8K
450
14.746
38.4K
600
011
0
3*64
3
11.059
57.6K
900
7.37
38.4K
600
100
1
8*128
8*4*5
9.83
9600
15
101
1
9*128
9*4*5
11.059
9600
15
110
1
12*128
12*4*5 14.746
9600
15
111
1
13*128
13*4*5 16.0
9600
15
100
0
8*128
8*4*6
9.83
9600
12.5
101
0
9*128
9*4*6
11.059
9600
12.5
110
0
12*128
12*4*6 14.746
9600
12.5
111
0
13*128
13*4*6 16.0
9600
12.5
SYNCHRONOUS SERIAL I/O
The MX844 (slave) can communicate with a microcomputer (master) via a three wire plus chip select
serial interface. The control register, the two digital comparator values, and the ADC result are accessed
by specifying a 3-bit address A[2:0]. Chip select CS, serial clock SCK, and serial data input SDI are
output from the master controller to the MX844. Serial data output SDO is driven by the MX844 when
selected by CS = 0. SDO is high impedance when CS = 1. SCK and SDI are don't care when CS = 1.
SERIAL INTERFACE TIMING
tClock = the period of the X1 input clock
READ:
1.5 * tClock min
CS
SCK
SDI
RW = 0
A2
A1
A0
1.2 * tClock min
SDO
B7
B6
B5
B4
B3
B2
B1
B0
WRITE:
2 * tClock max
SDI
RW = 1
A2
A1
A0
B7
B6
B5
B4
B3 B2
B1
B0
SCK minimum high or low time is 3 * tClock.
SDO is high impedance until data read out, and then returns to high impedance due to the rising edge of CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com