Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny25-15ST Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 82Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 83Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 84Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 85Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 86Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 87Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 88Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 89Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 196 page
background image
86
7598H–AVR–07/09
ATtiny25/45/85
• Bit 3- FOC1B: Force Output Compare Match 1B
Writing a logical one to this bit forces a change in the compare match output pin PB3 (OC1B)
according to the values already set in COM1B1 and COM1B0. If COM1B1 and COM1B0 written
in the same cycle as FOC1B, the new settings will be used. The Force Output Compare bit can
be used to change the output pin value regardless of the timer value. The automatic action pro-
grammed in COM1B1 and COM1B0 takes place as if a compare match had occurred, but no
interrupt is generated. The FOC1B bit always reads as zero. FOC1B is not in use if PWM1B bit
is set.
• Bit 2- FOC1A: Force Output Compare Match 1A
Writing a logical one to this bit forces a change in the compare match output pin PB1 (OC1A)
according to the values already set in COM1A1 and COM1A0. If COM1A1 and COM1A0 written
in the same cycle as FOC1A, the new settings will be used. The Force Output Compare bit can
be used to change the output pin value regardless of the timer value. The automatic action pro-
grammed in COM1A1 and COM1A0 takes place as if a compare match had occurred, but no
interrupt is generated. The FOC1A bit always reads as zero. FOC1A is not in use if PWM1A bit
is set.
• Bit 1- PSR1 : Prescaler Reset Timer/Counter1
When this bit is set (one), the Timer/Counter prescaler (TCNT1 is unaffected) will be reset. The
bit will be cleared by hardware after the operation is performed. Writing a zero to this bit will have
no effect. This bit will always read as zero.
14.1.3
Timer/Counter1 - TCNT1
This 8-bit register contains the value of Timer/Counter1.
Timer/Counter1 is realized as an up counter with read and write access. Due to synchronization
of the CPU, Timer/Counter1 data written into Timer/Counter1 is delayed by one and half CPU
clock cycles in synchronous mode and at most one CPU clock cycles for asynchronous mode.
14.1.4
Timer/Counter1 Output Compare RegisterA - OCR1A
The output compare register A is an 8-bit read/write register.
The Timer/Counter Output Compare Register A contains data to be continuously compared with
Timer/Counter1. Actions on compare matches are specified in TCCR1. A compare match does
only occur if Timer/Counter1 counts to the OCR1A value. A software write that sets TCNT1 and
OCR1A to the same value does not generate a compare match.
A compare match will set the compare interrupt flag OCF1A after a synchronization delay follow-
ing the compare event.
Bit
765
43210
$2F ($4F)
MSB
LSB
TCNT1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
000
00000
Bit
765
43210
$2E ($4E)
MSB
LSB
OCR1A
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com