Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny25-15ST Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 89Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 90Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 91Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 92Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 93Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 94Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 95Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 96Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 196 page
background image
93
7598H–AVR–07/09
ATtiny25/45/85
15. Dead Time Generator
The Dead Time Generator is provided for the Timer/Counter1 PWM output pairs to allow driving
external power control switches safely. The Dead Time Generator is a separate block that can
be connected to Timer/Counter1 and it is used to insert dead times (non-overlapping times) for
the Timer/Counter1 complementary output pairs (OC1A-OC1A and OC1B-OC1B). The sharing
of tasks is as follows: the timer/counter generates the PWM output and the Dead Time Genera-
tor generates the non-overlapping PWM output pair from the timer/counter PWM signal. Two
Dead Time Generators are provided, one for each PWM output. The non-overlap time is adjust-
able and the PWM output and it’s complementary output are adjusted separately, and
independently for both PWM outputs.
Figure 15-1. Timer/Counter1 & Dead Time Generators
The dead time generation is based on the 4-bit down counters that count the dead time, as
shown in Figure 46. There is a dedicated prescaler in front of the Dead Time Generator that can
divide the Timer/Counter1 clock (PCK or CK) by 1, 2, 4 or 8. This provides for large range of
dead times that can be generated. The prescaler is controlled by two control bits DTPS11..10
from the I/O register at address 0x23. The block has also a rising and falling edge detector that
is used to start the dead time counting period. Depending on the edge, one of the transitions on
the rising edges, OC1x or
OC1x is delayed until the counter has counted to zero. The compara-
tor is used to compare the counter with zero and stop the dead time insertion when zero has
been reached. The counter is loaded with a 4-bit DT1xH or DT1xL value from DT1x I/O register,
depending on the edge of the PWM generator output when the dead time insertion is started.
Figure 15-2. Dead Time Generator
TIMER/COUNTER1
OC1A
OC1A
OC1B
OC1B
DEAD TIME GENERATOR
PWM GENERATOR
PCKE
T15M
PCK
CK
DT1AH
DT1BH
DEAD TIME GENERATOR
PWM1B
PWM1A
DT1AL
DT1BL
CLOCK CONTROL
OC1x
OC1x
T/C1 CLOCK
PWM1x
4-BIT COUNTER
COMPARATOR
DT1x
I/O REGISTER
DEAD TIME
PRESCALER
DTPS11..10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com