Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny87-15MZ Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 63Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 64Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 65Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 66Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 67Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 68Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 69Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 70Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 282 page
background image
67
7728D–AVR–07/09
ATtiny87/ATtiny167
9.
I/O-Ports
9.1
Introduction
All AVR ports have true Read-Modify-Write functionality when used as general digital I/O
ports. This means that the direction of one port pin can be changed without unintentionally
changing the direction of any other pin with the SBI and CBI instructions. The same applies
when changing drive value (if configured as output) or enabling/disabling of pull-up resistors (if
configured as input). Each output buffer has symmetrical drive characteristics with both high
sink and source capability. The pin driver is strong enough to drive LED displays directly. All
port pins have individually selectable pull-up resistors with a supply-voltage invariant resis-
tance. All I/O pins have protection diodes to both Vcc and Ground as indicated in Figure 9-1.
Refer to “Electrical Characteristics” on page 243 for a complete list of parameters.
Figure 9-1.
I/O Pin Equivalent Schematic
All registers and bit references in this section are written in general form. A lower case “x” rep-
resents the numbering letter for the port, and a lower case “n” represents the bit number.
However, when using the register or bit defines in a program, the precise form must be used.
For example, PORTB3 for bit no. 3 in Port B, here documented generally as PORTxn. The
physical I/O Registers and bit locations are listed in “Register Description for I/O Ports” on
page 86.
Three I/O memory address locations are allocated for each port, one each for the Data Regis-
ter – PORTx, Data Direction Register – DDRx, and the Port Input Pins – PINx. The Port Input
Pins I/O location is read only, while the Data Register and the Data Direction Register are
read/write. However, writing a logic one to a bit in the PINx Register, will result in a toggle in
the corresponding bit in the Data Register. In addition, the Pull-up Disable – PUD bit in
MCUCR or PUDx in PORTCR disables the pull-up function for all pins in all ports when set.
Using the I/O port as General Digital I/O is described in “Ports as General Digital I/O” on page
68. Most port pins are multiplexed with alternate functions for the peripheral features on the
device. How each alternate function interferes with the port pin is described in “Alternate Port
Functions” on page 72. Refer to the individual module sections for a full description of the
alternate functions.
Note that enabling the alternate function of some of the port pins does not affect the use of the
other pins in the port as general digital I/O.
C
pin
Logic
R
pu
See Figure
"General Digital I/O" for
Details
Pxn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com