Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny87-15MZ Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATtiny87-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MZ Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATtiny87-15MZ Datasheet HTML 32Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 33Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 34Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 35Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 36Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 37Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 38Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 39Page - ATMEL Corporation ATtiny87-15MZ Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 282 page
background image
36
7728D–AVR–07/09
ATtiny87/ATtiny167
Here is a “light” C-code of a clock switching function using automatic clock monitoring.
C Code Example
void ClockSwiching (unsigned char clk
_number, unsigned char sut) {
#define CLOCK
_RECOVER
0x05
#define CLOCK
_ENABLE
0x02
#define CLOCK
_SWITCH
0x04
#define CLOCK
_DISABLE
0x01
#define WD
_ARL_ENABLE
0x06
#define WD
_2048CYCLES
0x07
unsigned char previous
_clk, temp;
// Disable interrupts
temp = SREG; asm ("cli");
// Save the current system clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
previous
_clk = CLKSELR & 0x0F;
// Enable the new clock source
CLKSELR = ((sut << 4 ) & 0x30) | (clk
_number & 0x0F);
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_ENABLE;
// Wait for clock validity
while ((CLKCSR & (1 << CLKRDY)) == 0);
// Switch clock source
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_SWITCH;
// Wait for effective switching
while (1){
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_RECOVER;
if ((CLKSELR & 0x0F) == (clk
_number & 0x0F)) break;
}
// Shut down unneeded clock source
if (previous_clk != (clk_number & 0x0F)) {
CLKSELR = previous
_clk;
CLKCSR = 1 << CLKCCE;
CLKCSR = CLOCK
_DISABLE;
}
// Re-enable interrupts
SREG = temp;
}
// Enable the watchdog in automatic reload mode
WDTCSR = (1 << WDCE) | (1 << WDE);
WDTCSR = (1 << WDE ) | WD
_2048CYCLES;
CLKCSR = 1 << CLKCCE;
CLKCSR = WD
_ARL_ENABLE;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com