Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny167-15XZ Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 78Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 79Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 80Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 81Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 82Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 83Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 84Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 85Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 282 page
background image
82
7728D–AVR–07/09
ATtiny87/ATtiny167
RESET: Reset input pin. When the RSTDISBL Fuse is programmed, this pin functions as a
normal I/O pin, and the part will have to rely on Power-on Reset and Brown-out Reset
as its reset sources. When the RSTDISBL Fuse is unprogrammed, the reset circuitry
is connected to the pin, and the pin can not be used as an I/O pin.
If PB7 is used as a reset pin, DDB7, PORTB7 and PINB7 will all read 0.
dW: When the debugWIRE Enable (DWEN) Fuse is programmed and Lock bits are unpro-
grammed, the RESET port pin is configured as a wire-AND (open-drain) bi-directional
I/O pin with pull-up enabled and becomes the communication gateway between target
and emulator.
• PCINT14/ADC9/OC1AX/INT0 – Port B, Bit 6
PCINT14: Pin Change Interrupt, source 14.
ADC9: Analog to Digital Converter, channel 9.
OC1AX: Output Compare and PWM Output A-X for Timer/Counter1. The PB6 pin has to be
configured as an output (DDB6 set (one)) to serve this function. The OC1AX pin is
also the output pin for the PWM mode timer function (c.f. OC1AX bit of TCCR1D regis-
ter).
INT0: External Interrupt0 Input. The PB6 pin can serve as an external interrupt source.
• PCINT13/ADC8/OC1BW/XTAL2/CLKO – Port B, Bit 5
PCINT13: Pin Change Interrupt, source 13.
ADC8: Analog to Digital Converter, channel 8.
OC1BW: Output Compare and PWM Output B-W for Timer/Counter1. The PB5 pin has to be
configured as an output (DDB5 set (one)) to serve this function. The OC1BW pin is
also the output pin for the PWM mode timer function (c.f. OC1BW bit of TCCR1D reg-
ister).
XTAL2: Chip clock Oscillator pin 2. Used as clock pin for crystal Oscillator or Low-frequency
crystal Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
CLKO: Divided system clock output. The divided system clock can be output on the PB5 pin.
The divided system clock will be output if the CKOUT Fuse is programmed, regardless
of the PORTB5 and DDB5 settings. It will also be output during reset.
• PCINT12/OC1AW/XTAL1/CLKI – Port B, Bit 4
PCINT12: Pin Change Interrupt, source 12.
OC1AW: Output Compare and PWM Output A-W for Timer/Counter1. The PB4 pin has to be
configured as an output (DDB4 set (one)) to serve this function. The OC1AW pin is
also the output pin for the PWM mode timer function (c.f. OC1AW bit of TCCR1D reg-
ister).
XTAL1: Chip clock Oscillator pin 1. Used for all chip clock sources except internal calibrated
RC Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
CLKI: External clock input. When used as a clock pin, the pin can not be used as an I/O pin.
Note:
If PB4 is used as a clock pin (XTAL1 or CLKI), DDB4, PORTB4 and PINB4 will all read 0.
• PCINT11/OC1BV – Port B, Bit 3
PCINT11: Pin Change Interrupt, source 11.
OC1BV: Output Compare and PWM Output B-V for Timer/Counter1. The PB3 pin has to be
configured as an output (DDB3 set (one)) to serve this function. The OC1BV pin is
also the output pin for the PWM mode timer function (c.f. OC1BV bit of TCCR1D regis-
ter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com