Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny167-15XZ Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 85Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 86Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 87Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 88Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 89Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 90Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 91Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 92Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 282 page
background image
89
7728D–AVR–07/09
ATtiny87/ATtiny167
10.2.1
Definitions
The following definitions are used extensively throughout the section:
10.3
Timer/Counter Clock Sources
The Timer/Counter can be clocked by an internal synchronous or an external asynchronous
clock source. The clock source is selected by the clock select logic which is controlled by the
clock select (CS02:0) bits located in the Timer/Counter control register (TCCR0).The clock
source clk
T0 is by default equal to the MCU clock, clkI/O. When the AS0 bit in the ASSR Regis-
ter is written to logic one, the clock source is taken from the Timer/Counter Oscillator
connected to XTAL1 and XTAL2 or directly from XTAL1. For details on asynchronous opera-
tion, see “Asynchronous Status Register – ASSR” on page 103. For details on clock sources
and prescaler, see “Timer/Counter0 Prescaler” on page 100.
10.4
Counter Unit
The main part of the 8-bit Timer/Counter is the programmable bi-directional counter unit. Fig-
ure 10-2 shows a block diagram of the counter and its surrounding environment.
Figure 10-2. Counter Unit Block Diagram
Signal description (internal signals):
count
Increment or decrement TCNT0 by 1.
direction
Selects between increment and decrement.
clear
Clear TCNT0 (set all bits to zero).
clk
T0
Timer/Counter0 clock.
top
Signalizes that TCNT0 has reached maximum value.
bottom
Signalizes that TCNT0 has reached minimum value (zero).
BOTTOM
The counter reaches the BOTTOM when it becomes zero (0x00).
MAX
The counter reaches its MAXimum when it becomes 0xFF (decimal 255).
TOP
The counter reaches the TOP when it becomes equal to the highest value in
the count sequence. The TOP value can be assigned to be the fixed value
0xFF (MAX) or the value stored in the OCR0A Register. The assignment is
dependent on the mode of operation.
DATA BUS
TCNTn
Control Logic
count
TOVn
(Int.Req.)
top
bottom
direction
clear
XTAL2
Oscillator
XTAL1
Prescaler
clk
I/O
clk
Tn
clk
TnS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com