Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega8U2-MU Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATmega8U2-MU
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 78Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 79Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 80Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 81Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 82Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 83Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 84Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 85Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 314 page
background image
82
7799B–AVR–07/09
ATmega8U2/16U2/32U2
12.4
Register Description for I/O-Ports
12.4.1
MCUCR – MCU Control Register
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 68 for more details about this feature.
12.4.2
PORTB – Port B Data Register
12.4.3
DDRB – Port B Data Direction Register
12.4.4
PINB – Port B Input Pins Address
12.4.5
PORTC – Port C Data Register
12.4.6
DDRC – Port C Data Direction Register
12.4.7
PINC – Port C Input Pins Address
Bit
7
6
5
4
3
2
1
0
0x35 (0x55)
JTD
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
0x05 (0x25)
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
PORTB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x04 (0x24)
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
DDRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x03 (0x23)
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
PINB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
76543210
0x08 (0x28)
PORTC7
PORTC6
PORTC5
PORTC4
-
PORTC2
PORTC1
PORTC0
PORTC
Read/Write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x07 (0x27)
DDC7
DDC6
DDC5
DDC4
-
DDC2
DDC1
DDC0
DDRC
Read/Write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
00000000
Bit
76543210
0x06 (0x26)
PINC7
PINC6
PINC5
PINC4
-
PINC2
PINC1
PINC0
PINC
Read/Write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com