Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega8U2-MU Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATmega8U2-MU
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega8U2-MU Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATmega8U2-MU Datasheet HTML 23Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 24Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 25Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 26Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 27Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 28Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 29Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 30Page - ATMEL Corporation ATmega8U2-MU Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 314 page
background image
27
7799B–AVR–07/09
ATmega8U2/16U2/32U2
8.1.4
USB Clock – clk
USB
The USB is provided with a dedicated clock domain. This clock is generated with an on-chip PLL
running at 48 MHz. The PLL always multiply its input frequency by 6. Thus the PLL clock register
should be programmed by software to generate a 8 MHz clock on the PLL input.
8.2
Clock Switch
In the ATmega8U2/16U2/32U2 product, the Clock Multiplexer and the System Clock Prescaler
can be modified by software.
8.2.1
Exemple of use
The modification can occur when the device enters in USB Suspend mode. It then switches from
External Clock to Calibrated RC Oscillator in order to reduce consumption. In such a configura-
tion, the External Clock is disabled.
The firmware can use the watchdog timer to be woken-up from power-down in order to check if
there is an event on the application.
If an event occurs on the application or if the USB controller signals a non-idle state on the USB
line (Resume for example), the firmware switches the Clock Multiplexer from the Calibrated RC
Oscillator to the External Clock.
Figure 8-2.
Example of clock switching with wake-up from USB Host
USB
CPU Clock
External
Oscillator
RC oscillator
Ext
RC
Ext
non-Idle
Idle
(Suspend)
non-Idle
3ms
resume
1
1 Resume from Host
Watchdog wake-up
from power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com