Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 304 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 300Page - ATMEL Corporation ATmega328P Datasheet HTML 301Page - ATMEL Corporation ATmega328P Datasheet HTML 302Page - ATMEL Corporation ATmega328P Datasheet HTML 303Page - ATMEL Corporation ATmega328P Datasheet HTML 304Page - ATMEL Corporation ATmega328P Datasheet HTML 305Page - ATMEL Corporation ATmega328P Datasheet HTML 306Page - ATMEL Corporation ATmega328P Datasheet HTML 307Page - ATMEL Corporation ATmega328P Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 345 page
background image
304
7810A–AVR–11/09
ATmega328P [Preliminary]
28. Electrical Characteristics
All DC/AC characteristics contained in this datasheet are based on characterization of
ATmega328P AVR microcontroller manufactured in an automotive process technology.
28.1
Absolute Maximum Ratings*
Note:
1. Maximum current per port = ±30mA
Operating Temperature.................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to V
CC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Injection Current at
VCC = 0V ................................... ±5.0mA(1)
Injection Current at
VCC = 5V ...................................... ±1.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com