Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 306 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 306 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 302Page - ATMEL Corporation ATmega328P Datasheet HTML 303Page - ATMEL Corporation ATmega328P Datasheet HTML 304Page - ATMEL Corporation ATmega328P Datasheet HTML 305Page - ATMEL Corporation ATmega328P Datasheet HTML 306Page - ATMEL Corporation ATmega328P Datasheet HTML 307Page - ATMEL Corporation ATmega328P Datasheet HTML 308Page - ATMEL Corporation ATmega328P Datasheet HTML 309Page - ATMEL Corporation ATmega328P Datasheet HTML 310Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 345 page
background image
306
7810A–AVR–11/09
ATmega328P [Preliminary]
28.3
DC Characteristics
Notes:
1. Values with “Minimizing Power Consumption” enabled (0xFF).
2. Typical values at 25°C.
3. The current consumption values include input leakage current.
28.4
Speed Grades
Figure 28-1. Maximum Frequency
T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
(2)
Max.
Units
ICC
Power Supply Current
(1)
Active 4 MHz, VCC = 3V
1.5
2.4
mA
Active 8 MHz, VCC = 5V
5.2
10
mA
Active 16 MHz, VCC = 5V
9.2
14
mA
Idle 4 MHz, VCC = 3V
0.25
0.6
mA
Idle 8 MHz, VCC = 5V
1.0
1.6
mA
Idle 16 MHz, VCC = 5V
1.9
2.8
mA
Power-down mode
(3)
WDT enabled, VCC = 3V
44
µA
WDT enabled, VCC = 5V
66
µA
WDT disabled, VCC = 3V
40
µA
WDT disabled, VCC = 5V
60
µA
16 MHz
8 MHz
2.7V
4.5V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com