Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega328P Datasheet(PDF) 305 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 305 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 301Page - ATMEL Corporation ATmega328P Datasheet HTML 302Page - ATMEL Corporation ATmega328P Datasheet HTML 303Page - ATMEL Corporation ATmega328P Datasheet HTML 304Page - ATMEL Corporation ATmega328P Datasheet HTML 305Page - ATMEL Corporation ATmega328P Datasheet HTML 306Page - ATMEL Corporation ATmega328P Datasheet HTML 307Page - ATMEL Corporation ATmega328P Datasheet HTML 308Page - ATMEL Corporation ATmega328P Datasheet HTML 309Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 345 page
background image
305
7810A–AVR–11/09
ATmega328P [Preliminary]
28.2
DC Characteristics.
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega328P:
1] The sum of all IOL, for ports C0 - C5, should not exceed 100 mA.
2] The sum of all IOL, for ports B0 - B5, D5 - D7, XTAL1, XTAL2 should not exceed 100 mA.
3] The sum of all I
OL, for ports D0 - D4, should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20 mA at V
CC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega328P:
1] The sum of all I
OH, for ports C0 - C5, D0- D4, should not exceed 150 mA.
2] The sum of all IOH, for ports B0 - B5, D5 - D7, XTAL1, XTAL2 should not exceed 150 mA.
If II
OH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage, except
XTAL1 and RESET pin
V
CC = 2.7V - 5.5V
-0.5
0.3V
CC
(1)
V
VIH
Input High Voltage, except
XTAL1 and RESET pins
V
CC = 2.7V - 5.5V
0.6V
CC
(2)
V
CC + 0.5
V
VIL1
Input Low Voltage,
XTAL1 pin
VCC = 2.7V - 5.5V
-0.5
0.1VCC
(1)
V
VIH1
Input High Voltage,
XTAL1 pin
V
CC = 2.7V - 5.5V
0.7V
CC
(2)
V
CC + 0.5
V
VIL2
Input Low Voltage,
RESET pin
V
CC = 2.7V - 5.5V
-0.5
0.1V
CC
(1)
V
VIH2
Input High Voltage,
RESET pin
VCC = 2.7V - 5.5V
0.9VCC
(2)
VCC + 0.5
V
VOL
Output Low Voltage(3)
IOL = 20 mA, VCC = 5V
IOL = 5 mA, VCC = 3V
0.8
0.5
V
VOH
Output High Voltage(4)
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.1
2.3
V
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω
VACIO
Analog Comparator
Input Offset Voltage
0.4V<Vin <Vcc-0.5
(absolute value)
10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com