Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny43U-MU Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATtiny43U-MU
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U-MU Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATtiny43U-MU Datasheet HTML 66Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 67Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 68Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 69Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 70Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 71Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 72Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 73Page - ATMEL Corporation ATtiny43U-MU Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 182 page
background image
70
8048B–AVR–03/09
ATtiny43U
11.3.1
Alternate Functions of Port A
The Port A pins with alternate function are shown in Table 11-3 on page 70.
• Port A, Bit 0 – ADC0/PCINT0
ADC0: Analog to Digital Converter, Channel 0.
PCINT0: Pin Change Interrupt source 0. The PA0 pin can serve as an external interrupt source
for pin change interrupt 0.
• Port A, Bit 1 – ADC1/PCINT1
ADC1: Analog to Digital Converter, Channel 1.
PCINT1: Pin Change Interrupt source 1. The PA1 pin can serve as an external interrupt source
for pin change interrupt 0.
• Port A, Bit 2 – ADC2/PCINT2
ADC2: Analog to Digital Converter, Channel 2.
PCINT2: Pin Change Interrupt source 2. The PA2 pin can serve as an external interrupt source
for pin change interrupt 0.
• Port A, Bit 3 – ADC3/PCINT3
ADC3: Analog to Digital Converter, Channel 3.
PCINT3: Pin Change Interrupt source 3. The PA3 pin can serve as an external interrupt source
for pin change interrupt 0.
Table 11-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA0
ADC0:
ADC input channel 0.
PCINT0:Pin change interrupt 0 source 0.
PA1
ADC1:
ADC input channel 1.
PCINT1:Pin change interrupt 0 source 1.
PA2
ADC2:
ADC input channel 2.
PCINT2: Pin change interrupt 0 source 2.
PA3
ADC3: ADC input channel 3.
PCINT3: Pin change interrupt 0 source 3.
PA4
AIN0:
Analog Comparator Positive Input.
PCINT4: Pin change interrupt 0 source 4.
PA5
AIN1:
Analog Comparator Negative Input.
PCINT5: Pin change interrupt 0 source 5.
PA6
PCINT6: Pin change interrupt 0 source 6.
CLKI:
External Clock Input.
PA7
RESET: Reset pin.
dW:
debugWire I/O.
PCINT7: Pin change interrupt 0 source 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com