Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 154 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 150Page - ATMEL Corporation ATmega1284P Datasheet HTML 151Page - ATMEL Corporation ATmega1284P Datasheet HTML 152Page - ATMEL Corporation ATmega1284P Datasheet HTML 153Page - ATMEL Corporation ATmega1284P Datasheet HTML 154Page - ATMEL Corporation ATmega1284P Datasheet HTML 155Page - ATMEL Corporation ATmega1284P Datasheet HTML 156Page - ATMEL Corporation ATmega1284P Datasheet HTML 157Page - ATMEL Corporation ATmega1284P Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 380 page
background image
154
8059D–AVR–11/09
ATmega1284P
When OC2A is connected to the pin, the function of the COM2A1:0 bits depends on the
WGM22:0 bit setting. Table 15-2 shows the COM2A1:0 bit functionality when the WGM22:0 bits
are set to a normal or CTC mode (non-PWM).
Table 15-3 shows the COM2A1:0 bit functionality when the WGM21:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 146 for more details.
Table 15-4 shows the COM2A1:0 bit functionality when the WGM22:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See ”Phase Correct PWM Mode” on
page 148 for more details.
• Bits 5:4 – COM2B1:0: Compare Match Output B Mode
These bits control the Output Compare pin (OC2B) behavior. If one or both of the COM2B1:0
bits are set, the OC2B output overrides the normal port functionality of the I/O pin it is connected
to. However, note that the Data Direction Register (DDR) bit corresponding to the OC2B pin
must be set in order to enable the output driver.
Table 15-2.
Compare Output Mode, non-PWM Mode
COM2A1
COM2A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC2A on Compare Match
1
0
Clear OC2A on Compare Match
1
1
Set OC2A on Compare Match
Table 15-3.
Compare Output Mode, Fast PWM Mode
(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
WGM22 = 0: Normal Port Operation, OC0A Disconnected.
WGM22 = 1: Toggle OC2A on Compare Match.
10
Clear OC2A on Compare Match, set OC2A at BOTTOM,
(non-inverting mode).
11
Set OC2A on Compare Match, clear OC2A at BOTTOM,
(inverting mode).
Table 15-4.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
WGM22 = 0: Normal Port Operation, OC2A Disconnected.
WGM22 = 1: Toggle OC2A on Compare Match.
10
Clear OC2A on Compare Match when up-counting. Set OC2A on
Compare Match when down-counting.
11
Set OC2A on Compare Match when up-counting. Clear OC2A on
Compare Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com