Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 151Page - ATMEL Corporation ATmega1284P Datasheet HTML 152Page - ATMEL Corporation ATmega1284P Datasheet HTML 153Page - ATMEL Corporation ATmega1284P Datasheet HTML 154Page - ATMEL Corporation ATmega1284P Datasheet HTML 155Page - ATMEL Corporation ATmega1284P Datasheet HTML 156Page - ATMEL Corporation ATmega1284P Datasheet HTML 157Page - ATMEL Corporation ATmega1284P Datasheet HTML 158Page - ATMEL Corporation ATmega1284P Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 380 page
background image
155
8059D–AVR–11/09
ATmega1284P
When OC2B is connected to the pin, the function of the COM2B1:0 bits depends on the
WGM22:0 bit setting. Table 15-5 shows the COM2B1:0 bit functionality when the WGM22:0 bits
are set to a normal or CTC mode (non-PWM).
Table 15-6 shows the COM2B1:0 bit functionality when the WGM22:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2B equals TOP and COM2B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 146 for more details.
Table 15-7 shows the COM2B1:0 bit functionality when the WGM22:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR2B equals TOP and COM2B1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See ”Phase Correct PWM Mode” on
page 148 for more details.
• Bits 3:2 – Res: Reserved Bits
These bits are reserved bits in the ATmega1284P and will always read as zero.
Table 15-5.
Compare Output Mode, non-PWM Mode
COM2B1
COM2B0
Description
0
0
Normal port operation, OC2B disconnected.
0
1
Toggle OC2B on Compare Match
1
0
Clear OC2B on Compare Match
1
1
Set OC2B on Compare Match
Table 15-6.
Compare Output Mode, Fast PWM Mode
(1)
COM2B1
COM2B0
Description
0
0
Normal port operation, OC2B disconnected.
01
Reserved
10
Clear OC2B on Compare Match, set OC2B at BOTTOM,
(non-inverting mode).
11
Set OC2B on Compare Match, clear OC2B at BOTTOM,
(inverting mode).
Table 15-7.
Compare Output Mode, Phase Correct PWM Mode(1)
COM2B1
COM2B0
Description
0
0
Normal port operation, OC2B disconnected.
01
Reserved
10
Clear OC2B on Compare Match when up-counting. Set OC2B on
Compare Match when down-counting.
11
Set OC2B on Compare Match when up-counting. Clear OC2B on
Compare Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com