Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 182 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 178Page - ATMEL Corporation ATmega1284P Datasheet HTML 179Page - ATMEL Corporation ATmega1284P Datasheet HTML 180Page - ATMEL Corporation ATmega1284P Datasheet HTML 181Page - ATMEL Corporation ATmega1284P Datasheet HTML 182Page - ATMEL Corporation ATmega1284P Datasheet HTML 183Page - ATMEL Corporation ATmega1284P Datasheet HTML 184Page - ATMEL Corporation ATmega1284P Datasheet HTML 185Page - ATMEL Corporation ATmega1284P Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 380 page
background image
182
8059D–AVR–11/09
ATmega1284P
Note:
1. See “About Code Examples” on page 6.
The receive function example reads all the I/O Registers into the Register File before any com-
putation is done. This gives an optimal receive buffer utilization since the buffer location read will
be free to accept new data as early as possible.
Assembly Code Example
(1)
USART_Receive:
; Wait for data to be received
sbis
UCSRnA, RXCn
rjmp
USART_Receive
; Get status and 9th bit, then data from buffer
in
r18, UCSRnA
in
r17, UCSRnB
in
r16, UDRn
; If error, return -1
andi
r18,(1<<FEn)|(1<<DORn)|(1<<UPEn)
breq
USART_ReceiveNoError
ldi
r17, HIGH(-1)
ldi
r16, LOW(-1)
USART_ReceiveNoError:
; Filter the 9th bit, then return
lsr
r17
andi
r17, 0x01
ret
C Code Example
(1)
unsigned int
USART_Receive( void )
{
unsigned char
status, resh, resl;
/* Wait for data to be received */
while
( !(UCSRnA & (1<<RXCn)) )
;
/* Get status and 9th bit, then data */
/* from buffer */
status = UCSRnA;
resh = UCSRnB;
resl = UDRn;
/* If error, return -1 */
if
( status & (1<<FEn)|(1<<DORn)|(1<<UPEn) )
return
-1;
/* Filter the 9th bit, then return */
resh = (resh >> 1) & 0x01;
return
((resh << 8) | resl);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com