Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 182Page - ATMEL Corporation ATmega1284P Datasheet HTML 183Page - ATMEL Corporation ATmega1284P Datasheet HTML 184Page - ATMEL Corporation ATmega1284P Datasheet HTML 185Page - ATMEL Corporation ATmega1284P Datasheet HTML 186Page - ATMEL Corporation ATmega1284P Datasheet HTML 187Page - ATMEL Corporation ATmega1284P Datasheet HTML 188Page - ATMEL Corporation ATmega1284P Datasheet HTML 189Page - ATMEL Corporation ATmega1284P Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 380 page
background image
186
8059D–AVR–11/09
ATmega1284P
Figure 17-7. Stop Bit Sampling and Next Start Bit Sampling
The same majority voting is done to the stop bit as done for the other bits in the frame. If the stop
bit is registered to have a logic 0 value, the Frame Error (FEn) Flag will be set.
A new high to low transition indicating the start bit of a new frame can come right after the last of
the bits used for majority voting. For Normal Speed mode, the first low level sample can be at
point marked (A) in Figure 17-7 on page 186. For Double Speed mode the first low level must be
delayed to (B). (C) marks a stop bit of full length. The early start bit detection influences the
operational range of the Receiver.
17.9.3
Asynchronous Operational Range
The operational range of the Receiver is dependent on the mismatch between the received bit
rate and the internally generated baud rate. If the Transmitter is sending frames at too fast or too
slow bit rates, or the internally generated baud rate of the Receiver does not have a similar (see
Table 17-2 on page 187) base frequency, the Receiver will not be able to synchronize the
frames to the start bit.
The following equations can be used to calculate the ratio of the incoming data rate and internal
receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit)
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for Double Speed
mode.
S
F
First sample number used for majority voting. S
F = 8 for normal speed and SF = 4
for Double Speed mode.
S
M
Middle sample number used for majority voting. S
M = 9 for normal speed and
S
M = 5 for Double Speed mode.
R
slow
is the ratio of the slowest incoming data rate that can be accepted in relation to the
receiver baud rate. R
fast is the ratio of the fastest incoming data rate that can be
accepted in relation to the receiver baud rate.
Table 17-2 on page 187 and Table 17-3 on page 187 list the maximum receiver baud rate error
that can be tolerated. Note that Normal Speed mode has higher toleration of baud rate
variations.
12
34
56
7
8
9
10
0/1
0/1
0/1
STOP 1
123
4
5
6
0/1
RxD
Sample
(U2X = 0)
Sample
(U2X = 1)
(A)
(B)
(C)
R
slow
D
1
+
()S
S
1
–
DS
⋅
S
F
++
-------------------------------------------
=
R
fast
D
2
+
()S
D
1
+
()SS
M
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com