Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 183Page - ATMEL Corporation ATmega1284P Datasheet HTML 184Page - ATMEL Corporation ATmega1284P Datasheet HTML 185Page - ATMEL Corporation ATmega1284P Datasheet HTML 186Page - ATMEL Corporation ATmega1284P Datasheet HTML 187Page - ATMEL Corporation ATmega1284P Datasheet HTML 188Page - ATMEL Corporation ATmega1284P Datasheet HTML 189Page - ATMEL Corporation ATmega1284P Datasheet HTML 190Page - ATMEL Corporation ATmega1284P Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 380 page
background image
187
8059D–AVR–11/09
ATmega1284P
The recommendations of the maximum receiver baud rate error was made under the assump-
tion that the Receiver and Transmitter equally divides the maximum total error.
There are two possible sources for the receivers baud rate error. The Receiver’s system clock
(XTAL) will always have some minor instability over the supply voltage range and the tempera-
ture range. When using a crystal to generate the system clock, this is rarely a problem, but for a
resonator the system clock may differ more than 2% depending of the resonators tolerance. The
second source for the error is more controllable. The baud rate generator can not always do an
exact division of the system frequency to get the baud rate wanted. In this case an UBRR value
that gives an acceptable low error can be used if possible.
17.10 Multi-processor Communication Mode
Setting the Multi-processor Communication mode (MPCMn) bit in UCSRnA enables a filtering
function of incoming frames received by the USART Receiver. Frames that do not contain
address information will be ignored and not put into the receive buffer. This effectively reduces
the number of incoming frames that has to be handled by the CPU, in a system with multiple
MCUs that communicate via the same serial bus. The Transmitter is unaffected by the MPCMn
setting, but has to be used differently when it is a part of a system utilizing the Multi-processor
Communication mode.
If the Receiver is set up to receive frames that contain 5 to 8 data bits, then the first stop bit indi-
cates if the frame contains data or address information. If the Receiver is set up for frames with
nine data bits, then the ninth bit (RXB8n) is used for identifying address and data frames. When
Table 17-2.
Recommended Maximum Receiver Baud Rate Error for Normal Speed Mode
(U2Xn = 0)
D
# (Data+Parity Bit)
R
slow (%)
R
fast (%)
Max Total Error (%)
Recommended Max
Receiver Error (%)
5
93.20
106.67
+6.67/-6.8
± 3.0
6
94.12
105.79
+5.79/-5.88
± 2.5
7
94.81
105.11
+5.11/-5.19
± 2.0
8
95.36
104.58
+4.58/-4.54
± 2.0
9
95.81
104.14
+4.14/-4.19
± 1.5
10
96.17
103.78
+3.78/-3.83
± 1.5
Table 17-3.
Recommended Maximum Receiver Baud Rate Error for Double Speed Mode
(U2Xn = 1)
D
# (Data+Parity Bit)
R
slow (%)
R
fast (%)
Max Total Error (%)
Recommended Max
Receiver Error (%)
5
94.12
105.66
+5.66/-5.88
± 2.5
6
94.92
104.92
+4.92/-5.08
± 2.0
7
95.52
104,35
+4.35/-4.48
± 1.5
8
96.00
103.90
+3.90/-4.00
± 1.5
9
96.39
103.53
+3.53/-3.61
± 1.5
10
96.70
103.23
+3.23/-3.30
± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com