Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 190Page - ATMEL Corporation ATmega1284P Datasheet HTML 191Page - ATMEL Corporation ATmega1284P Datasheet HTML 192Page - ATMEL Corporation ATmega1284P Datasheet HTML 193Page - ATMEL Corporation ATmega1284P Datasheet HTML 194Page - ATMEL Corporation ATmega1284P Datasheet HTML 195Page - ATMEL Corporation ATmega1284P Datasheet HTML 196Page - ATMEL Corporation ATmega1284P Datasheet HTML 197Page - ATMEL Corporation ATmega1284P Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 380 page
background image
194
8059D–AVR–11/09
ATmega1284P
17.12 Examples of Baud Rate Setting
For standard crystal and resonator frequencies, the most commonly used baud rates for asyn-
chronous operation can be generated by using the UBRR settings in Table 17-9 to Table 17-12.
UBRR values which yield an actual baud rate differing less than 0.5% from the target baud rate,
are bold in the table. Higher error ratings are acceptable, but the Receiver will have less noise
resistance when the error ratings are high, especially for large serial frames (see ”Asynchronous
Operational Range” on page 186). The error values are calculated using the following equation:
Error[%]
BaudRate
Closest Match
BaudRate
--------------------------------------------------------
1
–
⎝⎠
⎛⎞
100%
•
=
Table 17-9.
Examples of UBRRn Settings for Commonly Used Oscillator Frequencies
Baud
Rate
(bps)
f
osc = 1.0000 MHz
f
osc = 1.8432 MHz
f
osc = 2.0000 MHz
U2Xn = 0U2Xn = 1
U2Xn = 0U2Xn = 1U2Xn = 0U2Xn = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
250.2%510.2%47
0.0%
950.0%510.2%
103
0.2%
4800
120.2%250.2%23
0.0%
470.0%250.2%510.2%
9600
6
-7.0%
12
0.2%
11
0.0%
23
0.0%
12
0.2%
25
0.2%
14.4k
3
8.5%
8
-3.5%
7
0.0%
15
0.0%
8
-3.5%
16
2.1%
19.2k
2
8.5%
6
-7.0%
5
0.0%
11
0.0%
6
-7.0%
12
0.2%
28.8k
1
8.5%
3
8.5%
3
0.0%
7
0.0%
3
8.5%
8
-3.5%
38.4k
1
-18.6%
2
8.5%
2
0.0%
5
0.0%
2
8.5%
6
-7.0%
57.6k
0
8.5%
1
8.5%
1
0.0%
3
0.0%
1
8.5%
3
8.5%
76.8k
–
–
1
-18.6%
1
-25.0%
2
0.0%
1
-18.6%
2
8.5%
115.2k
–
–
0
8.5%
0
0.0%
1
0.0%
0
8.5%
1
8.5%
230.4k
–
–
–––
–0
0.0%
–––
–
250k
–
–
–––
–––
––0
0.0%
Max. (1)
62.5 kbps
125 kbps
115.2 kbps
230.4 kbps
125 kbps
250 kbps
1.
UBRR = 0, Error = 0.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com