Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 197 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 193Page - ATMEL Corporation ATmega1284P Datasheet HTML 194Page - ATMEL Corporation ATmega1284P Datasheet HTML 195Page - ATMEL Corporation ATmega1284P Datasheet HTML 196Page - ATMEL Corporation ATmega1284P Datasheet HTML 197Page - ATMEL Corporation ATmega1284P Datasheet HTML 198Page - ATMEL Corporation ATmega1284P Datasheet HTML 199Page - ATMEL Corporation ATmega1284P Datasheet HTML 200Page - ATMEL Corporation ATmega1284P Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 380 page
background image
197
8059D–AVR–11/09
ATmega1284P
Table 17-12. Examples of UBRRn Settings for Commonly Used Oscillator Frequencies (Continued)
Baud
Rate
(bps)
f
osc = 16.0000 MHz
f
osc = 18.4320 MHz
f
osc = 20.0000 MHz
U2Xn = 0U2Xn = 1
U2Xn = 0U2Xn = 1U2Xn = 0U2Xn = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
416
-0.1%
832
0.0%
479
0.0%
959
0.0%
520
0.0%
1041
0.0%
4800
207
0.2%
416
-0.1%
239
0.0%
479
0.0%
259
0.2%
520
0.0%
9600
103
0.2%
207
0.2%
119
0.0%
239
0.0%
129
0.2%
259
0.2%
14.4k
68
0.6%
138
-0.1%
79
0.0%
159
0.0%
86
-0.2%
173
-0.2%
19.2k
51
0.2%
103
0.2%
59
0.0%
119
0.0%
64
0.2%
129
0.2%
28.8k
34
-0.8%
68
0.6%
39
0.0%
79
0.0%
42
0.9%
86
-0.2%
38.4k
25
0.2%
51
0.2%
29
0.0%
59
0.0%
32
-1.4%
64
0.2%
57.6k
16
2.1%
34
-0.8%
19
0.0%
39
0.0%
21
-1.4%
42
0.9%
76.8k
12
0.2%
25
0.2%
14
0.0%
29
0.0%
15
1.7%
32
-1.4%
115.2k
8
-3.5%
16
2.1%
9
0.0%
19
0.0%
10
-1.4%
21
-1.4%
230.4k
3
8.5%
8
-3.5%
4
0.0%
9
0.0%
4
8.5%
10
-1.4%
250k
3
0.0%
7
0.0%
4
-7.8%
8
2.4%
4
0.0%
9
0.0%
0.5M
1
0.0%
3
0.0%
–
–
4
-7.8%
–
–
4
0.0%
1M
0
0.0%
1
0.0%
–
–
–
–
–
–
–
–
Max. (1)
1 Mbps
2 Mbps
1.152 Mbps
2.304 Mbps
1.25 Mbps
2.5 Mbps
1.
UBRR = 0, Error = 0.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com