Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 316 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 316 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 312Page - ATMEL Corporation ATmega1284P Datasheet HTML 313Page - ATMEL Corporation ATmega1284P Datasheet HTML 314Page - ATMEL Corporation ATmega1284P Datasheet HTML 315Page - ATMEL Corporation ATmega1284P Datasheet HTML 316Page - ATMEL Corporation ATmega1284P Datasheet HTML 317Page - ATMEL Corporation ATmega1284P Datasheet HTML 318Page - ATMEL Corporation ATmega1284P Datasheet HTML 319Page - ATMEL Corporation ATmega1284P Datasheet HTML 320Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 380 page
background image
316
8059D–AVR–11/09
ATmega1284P
5a. Enter EEPROM Read
0100011_00000011
xxxxxxx_xxxxxxxx
5b. Load Address High Byte
0000111_aaaaaaaa
xxxxxxx_xxxxxxxx
(10)
5c. Load Address Low Byte
0000011_bbbbbbbb
xxxxxxx_xxxxxxxx
5d. Read Data Byte
0110011_bbbbbbbb
0110010_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
6a. Enter Fuse Write
0100011_01000000
xxxxxxx_xxxxxxxx
6b. Load Data Low Byte(6)
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
(3)
6c. Write Fuse Extended Byte
0111011_00000000
0111001_00000000
0111011_00000000
0111011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
6d. Poll for Fuse Write Complete
0110111_00000000
xxxxxox_xxxxxxxx
(2)
6e. Load Data Low Byte(7)
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
(3)
6f. Write Fuse High Byte
0110111_00000000
0110101_00000000
0110111_00000000
0110111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
6g. Poll for Fuse Write Complete
0110111_00000000
xxxxxox_xxxxxxxx
(2)
6h. Load Data Low Byte(7)
0010011_iiiiiiii
xxxxxxx_xxxxxxxx
(3)
6i. Write Fuse Low Byte
0110011_00000000
0110001_00000000
0110011_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
6j. Poll for Fuse Write Complete
0110011_00000000
xxxxxox_xxxxxxxx
(2)
7a. Enter Lock Bit Write
0100011_00100000
xxxxxxx_xxxxxxxx
7b. Load Data Byte(9)
0010011_11iiiiii
xxxxxxx_xxxxxxxx
(4)
7c. Write Lock Bits
0110011_00000000
0110001_00000000
0110011_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
xxxxxxx_xxxxxxxx
(1)
7d. Poll for Lock Bit Write complete
0110011_00000000
xxxxxox_xxxxxxxx
(2)
8a. Enter Fuse/Lock Bit Read
0100011_00000100
xxxxxxx_xxxxxxxx
8b. Read Extended Fuse Byte(6)
0111010_00000000
0111011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
8c. Read Fuse High Byte(7)
0111110_00000000
0111111_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
8d. Read Fuse Low Byte(8)
0110010_00000000
0110011_00000000
xxxxxxx_xxxxxxxx
xxxxxxx_oooooooo
Table 25-18. JTAG Programming Instruction (Continued)
Set (Continued) a = address high bits, b = address low bits, c = address extended bits, H = 0 - Low byte, 1 - High Byte,
o = data out, i = data in, x = don’t care
Instruction
TDI Sequence
TDO Sequence
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com