Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 320 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 320 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 316Page - ATMEL Corporation ATmega1284P Datasheet HTML 317Page - ATMEL Corporation ATmega1284P Datasheet HTML 318Page - ATMEL Corporation ATmega1284P Datasheet HTML 319Page - ATMEL Corporation ATmega1284P Datasheet HTML 320Page - ATMEL Corporation ATmega1284P Datasheet HTML 321Page - ATMEL Corporation ATmega1284P Datasheet HTML 322Page - ATMEL Corporation ATmega1284P Datasheet HTML 323Page - ATMEL Corporation ATmega1284P Datasheet HTML 324Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 380 page
background image
320
8059D–AVR–11/09
ATmega1284P
25.10.15 Performing Chip Erase
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Start Chip Erase using programming instruction 1a.
3.
Poll for Chip Erase complete using programming instruction 1b, or wait for t
WLRH_CE (refer
to Table 25-14 on page 304).
25.10.16 Programming the Flash
Before programming the Flash a Chip Erase must be performed, see “Performing Chip Erase”
on page 320.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load address Extended High byte using programming instruction 2b.
4.
Load address High byte using programming instruction 2c.
5.
Load address Low byte using programming instruction 2d.
6.
Load data using programming instructions 2e, 2f and 2g.
7.
Repeat steps 5 and 6 for all instruction words in the page.
8.
Write the page using programming instruction 2h.
9.
Poll for Flash write complete using programming instruction 2i, or wait for t
WLRH (refer to
Table 25-14 on page 304).
10. Repeat steps 3 to 9 until all data have been programmed.
A more efficient data transfer can be achieved using the PROG_PAGELOAD instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load the page address using programming instructions 2b, 2c and 2d. PCWORD (refer
to Table 25-7 on page 294) is used to address within one page and must be written as 0.
4.
Enter JTAG instruction PROG_PAGELOAD.
5.
Load the entire page by shifting in all instruction words in the page byte-by-byte, starting
with the LSB of the first instruction in the page and ending with the MSB of the last
instruction in the page. Use Update-DR to copy the contents of the Flash Data Byte Reg-
ister into the Flash page location and to auto-increment the Program Counter before
each new word.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Write the page using programming instruction 2h.
8.
Poll for Flash write complete using programming instruction 2i, or wait for t
WLRH (refer to
Table 25-14 on page 304).
9.
Repeat steps 3 to 8 until all data have been programmed.
25.10.17 Reading the Flash
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load address using programming instructions 3b, 3c and 3d.
4.
Read data using programming instruction 3e.
5.
Repeat steps 3 and 4 until all data have been read.
A more efficient data transfer can be achieved using the PROG_PAGEREAD instruction:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com