Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 324 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 324 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 320Page - ATMEL Corporation ATmega1284P Datasheet HTML 321Page - ATMEL Corporation ATmega1284P Datasheet HTML 322Page - ATMEL Corporation ATmega1284P Datasheet HTML 323Page - ATMEL Corporation ATmega1284P Datasheet HTML 324Page - ATMEL Corporation ATmega1284P Datasheet HTML 325Page - ATMEL Corporation ATmega1284P Datasheet HTML 326Page - ATMEL Corporation ATmega1284P Datasheet HTML 327Page - ATMEL Corporation ATmega1284P Datasheet HTML 328Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 380 page
background image
324
8059D–AVR–11/09
ATmega1284P
Notes:
1. All DC Characteristics contained in this datasheet are based on simulation and characterization of other AVR microcon-
trollers manufactured in the same process technology. These values are preliminary values representing design targets, and
will be updated after characterization of actual silicon.
2. "Max" means the highest value where the pin is guaranteed to be read as low
3. "Min" means the lowest value where the pin is guaranteed to be read as high
4. Although each I/O port can sink more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1.)The sum of all IOL, for ports A0-A7, G2, C4-C7 should not exceed 100 mA.
2.)The sum of all IOL, for ports C0-C3, G0-G1, D0-D7 should not exceed 100 mA.
3.)The sum of all IOL, for ports G3-G5, B0-B7, E0-E7 should not exceed 100 mA.
4.)The sum of all IOL, for ports F0-F7 should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady
state conditions (non-transient), the following must be observed:
1)The sum of all IOH, for ports A0-A7, G2, C4-C7 should not exceed 100 mA.
2)The sum of all IOH, for ports C0-C3, G0-G1, D0-D7 should not exceed 100 mA.
3)The sum of all IOH, for ports G3-G5, B0-B7, E0-E7 should not exceed 100 mA.
4)The sum of all IOH, for ports F0-F7 should not exceed 100 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. All bits set in the ”PRR0 – Power Reduction Register 0” on page 46.
7. Typical values at 25
°C. Maximum values are characterized values and not test limits in production
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
ICC
Power Supply Current(6)
Active 1 MHz, VCC = 2V
TBD
TBD
mA
Active 4 MHz, VCC = 3V
TBD
TBD
mA
Active 8 MHz, VCC = 5V
TBD
TBD
mA
Idle 1 MHz, VCC = 2V
TBD
TBD
mA
Idle 4 MHz, VCC = 3V
TBD
TBD
mA
Idle 8 MHz, VCC = 5V)
TBD
TBD
mA
Power-save mode(7)
32 kHz TOSC enabled,
V
CC = 1.8V
TBD
µA
32 kHz TOSC enabled,
VCC = 3V
TBD
µA
Power-down mode(7)
WDT enabled, VCC = 3V
TBD
TBD
µA
WDT disabled, VCC = 3V
TBD
TBD
µA
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.(1)
Typ.
Max.(1)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com