Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 322 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 322 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 318Page - ATMEL Corporation ATmega1284P Datasheet HTML 319Page - ATMEL Corporation ATmega1284P Datasheet HTML 320Page - ATMEL Corporation ATmega1284P Datasheet HTML 321Page - ATMEL Corporation ATmega1284P Datasheet HTML 322Page - ATMEL Corporation ATmega1284P Datasheet HTML 323Page - ATMEL Corporation ATmega1284P Datasheet HTML 324Page - ATMEL Corporation ATmega1284P Datasheet HTML 325Page - ATMEL Corporation ATmega1284P Datasheet HTML 326Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 380 page
background image
322
8059D–AVR–11/09
ATmega1284P
6.
Load data low byte using programming instructions 6e. A “0” will program the fuse, a “1”
will unprogram the fuse.
7.
Write Fuse low byte using programming instruction 6f.
8.
Poll for Fuse write complete using programming instruction 6g, or wait for t
WLRH (refer to
Table 25-14 on page 304).
25.10.21 Programming the Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Lock bit write using programming instruction 7a.
3.
Load data using programming instructions 7b. A bit value of “0” will program the corre-
sponding lock bit, a “1” will leave the lock bit unchanged.
4.
Write Lock bits using programming instruction 7c.
5.
Poll for Lock bit write complete using programming instruction 7d, or wait for t
WLRH (refer
to Table 25-14 on page 304).
25.10.22 Reading the Fuses and Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse/Lock bit read using programming instruction 8a.
3.
To read all Fuses and Lock bits, use programming instruction 8e.
To only read Fuse High byte, use programming instruction 8b.
To only read Fuse Low byte, use programming instruction 8c.
To only read Lock bits, use programming instruction 8d.
25.10.23 Reading the Signature Bytes
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Signature byte read using programming instruction 9a.
3.
Load address 0x00 using programming instruction 9b.
4.
Read first signature byte using programming instruction 9c.
5.
Repeat steps 3 and 4 with address 0x01 and address 0x02 to read the second and third
signature bytes, respectively.
25.10.24 Reading the Calibration Byte
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Calibration byte read using programming instruction 10a.
3.
Load address 0x00 using programming instruction 10b.
4.
Read the calibration byte using programming instruction 10c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com