Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 326 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 326 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 322Page - ATMEL Corporation ATmega1284P Datasheet HTML 323Page - ATMEL Corporation ATmega1284P Datasheet HTML 324Page - ATMEL Corporation ATmega1284P Datasheet HTML 325Page - ATMEL Corporation ATmega1284P Datasheet HTML 326Page - ATMEL Corporation ATmega1284P Datasheet HTML 327Page - ATMEL Corporation ATmega1284P Datasheet HTML 328Page - ATMEL Corporation ATmega1284P Datasheet HTML 329Page - ATMEL Corporation ATmega1284P Datasheet HTML 330Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 380 page
background image
326
8059D–AVR–11/09
ATmega1284P
26.3
Clock Characteristics
26.3.1
External Clock Drive Waveforms
Figure 26-2. External Clock Drive Waveforms
26.3.2
External Clock Drive
Note:
All DC Characteristics contained in this datasheet are based on simulation and characterization of
other AVR microcontrollers manufactured in the same process technology. These values are pre-
liminary values representing design targets, and will be updated after characterization of actual
silicon.
Table 26-1.
Calibration Accuracy of Internal RC Oscillator
Frequency
V
CC
Temperature
Calibration Accuracy
Factory
Calibration
8.0 MHz
3V
25
°C
±10%
User
Calibration
7.3 - 8.1 MHz
1.8V - 5.5V
-40
°C - 85°C±1%
VIL1
VIH1
Table 26-2.
External Clock Drive
Symbol
Parameter
VCC=1.8-5.5V
VCC=2.7-5.5V
VCC=4.5-5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator
Frequency
02
08
0
16
MHz
tCLCL
Clock Period
500
125
62.5
ns
tCHCX
High Time
200
50
25
ns
tCLCX
Low Time
200
50
25
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period
from one clock
cycle to the next
22
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com