Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 328 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 324Page - ATMEL Corporation ATmega1284P Datasheet HTML 325Page - ATMEL Corporation ATmega1284P Datasheet HTML 326Page - ATMEL Corporation ATmega1284P Datasheet HTML 327Page - ATMEL Corporation ATmega1284P Datasheet HTML 328Page - ATMEL Corporation ATmega1284P Datasheet HTML 329Page - ATMEL Corporation ATmega1284P Datasheet HTML 330Page - ATMEL Corporation ATmega1284P Datasheet HTML 331Page - ATMEL Corporation ATmega1284P Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 380 page
background image
328
8059D–AVR–11/09
ATmega1284P
26.6
SPI Timing Characteristics
See Figure 26-3 on page 328 and Figure 26-4 on page 329 for details.
Note:
1. In SPI Programming mode the minimum SCK high/low period is:
- 2 tCLCL for fCK < 12 MHz
- 3 t
CLCL for fCK > 12 MHz
Figure 26-3. SPI Interface Timing Requirements (Master Mode)
Table 26-6.
SPI Timing Parameters
Description
Mode
Min
Typ
Max
1
SCK period
Master
See Table 16-5
ns
2
SCK high/low
Master
50% duty cycle
3
Rise/Fall time
Master
TBD
4
Setup
Master
10
5
Hold
Master
10
6
Out to SCK
Master
0.5 • tsck
7
SCK to out
Master
10
8
SCK to out high
Master
10
9SS low to out
Slave
15
10
SCK period
Slave
4 • tck
11
SCK high/low(1)
Slave
2 • tck
12
Rise/Fall time
Slave
TBD
13
Setup
Slave
10
14
Hold
Slave
tck
15
SCK to out
Slave
15
16
SCK to SS high
Slave
20
17
SS high to tri-state
Slave
10
18
SS low to SCK
Slave
20
MOSI
(Data Output)
SCK
(CPOL = 1)
MISO
(Data Input)
SCK
(CPOL = 0)
SS
MSB
LSB
LSB
MSB
...
...
61
22
3
45
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com