Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega324PA Datasheet(PDF) 84 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 80Page - ATMEL Corporation ATmega324PA Datasheet HTML 81Page - ATMEL Corporation ATmega324PA Datasheet HTML 82Page - ATMEL Corporation ATmega324PA Datasheet HTML 83Page - ATMEL Corporation ATmega324PA Datasheet HTML 84Page - ATMEL Corporation ATmega324PA Datasheet HTML 85Page - ATMEL Corporation ATmega324PA Datasheet HTML 86Page - ATMEL Corporation ATmega324PA Datasheet HTML 87Page - ATMEL Corporation ATmega324PA Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 468 page
background image
84
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
13.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 13-6.
The alternate pin configuration is as follows:
• SCK/PCINT15 – Port B, Bit 7
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as a
slave, this pin is configured as an input regardless of the setting of DDB7. When the SPI0 is
enabled as a master, the data direction of this pin is controlled by DDB7. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTB7 bit.
PCINT15, Pin Change Interrupt source 15: The PB7 pin can serve as an external interrupt
source.
• MISO/PCINT14 – Port B, Bit 6
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as a
master, this pin is configured as an input regardless of the setting of DDB6. When the SPI is
enabled as a slave, the data direction of this pin is controlled by DDB6. When the pin is forced to
be an input, the pull-up can still be controlled by the PORTB6 bit.
PCINT14, Pin Change Interrupt source 14: The PB6 pin can serve as an external interrupt
source.
Table 13-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
SCK (SPI Bus Master clock input)
PCINT15 (Pin Change Interrupt 15)
PB6
MISO (SPI Bus Master Input/Slave Output)
PCINT14 (Pin Change Interrupt 14)
PB5
MOSI (SPI Bus Master Output/Slave Input)
PCINT13 (Pin Change Interrupt 13)
PB4
SS (SPI Slave Select input)
OC0B (Timer/Conter 0 Output Compare Match B Output)
PCINT12 (Pin Change Interrupt 12)
PB3
AIN1 (Analog Comparator Negative Input)
OC0A (Timer/Conter 0 Output Compare Match A Output)
PCINT11 (Pin Change Interrupt 11)
PB2
AIN0 (Analog Comparator Positive Input)
INT2 (External Interrupt 2 Input)
PCINT10 (Pin Change Interrupt 10)
PB1
T1 (Timer/Counter 1 External Counter Input)
CLKO (Divided System Clock Output)
PCINT9 (Pin Change Interrupt 9)
PB0
T0 (Timer/Counter 0 External Counter Input)
XCK0 (USART0 External Clock Input/Output)
PCINT8 (Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com