Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega324PA Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 16Page - ATMEL Corporation ATmega324PA Datasheet HTML 17Page - ATMEL Corporation ATmega324PA Datasheet HTML 18Page - ATMEL Corporation ATmega324PA Datasheet HTML 19Page - ATMEL Corporation ATmega324PA Datasheet HTML 20Page - ATMEL Corporation ATmega324PA Datasheet HTML 21Page - ATMEL Corporation ATmega324PA Datasheet HTML 22Page - ATMEL Corporation ATmega324PA Datasheet HTML 23Page - ATMEL Corporation ATmega324PA Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 468 page
background image
20
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Figure 7-1.
Program Memory Map
7.3
SRAM Data Memory
Figure 7-2 shows how the ATmega164PA/324PA/644PA/1284P SRAM Memory is organized.
The ATmega164PA/324PA/644PA/1284P is a complex microcontroller with more peripheral
units than can be supported within the 64 location reserved in the Opcode for the IN and OUT
instructions. For the Extended I/O space from $060 - $FF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used.
The first 4,352 Data Memory locations address both the Register File, the I/O Memory,
Extended I/O Memory, and the internal data SRAM. The first 32 locations address the Register
file, the next 64 location the standard I/O Memory, then 160 locations of Extended I/O memory
and the next 4,096 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register file,
registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented or incremented.
Application Flash Section
Boot Flash Section
Program Memory
0x0000
0x1FFF/0x3FFF/0x7FFF/0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com