Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATVaultIC460-R Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 21Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 22Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 23Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 24Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 25Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 26Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 27Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 28Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
TPR0441BX–SMS–09/09
ATVaultIC460
Definitions and abbreviations
3DES / TDES
Triple DES algorithm
AES
Advanced Encryption Standard algorithm as defined in FIPS PUB 197
APDU
Application Protocol Data Unit as defined in ISO7816-3
Authentication
An identification or entity authentication technique assures one party (the verifier), through acquisi-
tion of corroborative evidence, of both the identity of a second party involved, and that the second
(the claimant) was active at the time the evidence was created or acquired. (From Handbook of
Applied Cryptography)
ASSP
Application Specific Standard Product
CBC
Cipher Block Chaining method applied to block ciphers
CFB
Cipher Feedback Register chaining method applied to block ciphers
CCID
Circuit(s) Cards Interface Devices
CMAC
Cipher-based Message Authentication Code
CPU
Central Processing Unit
Cryptographic key
A bit string used as a secret parameter by a cryptographic algorithm. To prevent a key from being
guessed, keys need to be generated truly randomly and contain sufficient entropy.
DES
Data Encryption Standard algorithm as defined in FIPS PUB 46-3
Device
Any CPU with master or slave capability
DSA
Digital Signature Algorithm as defined in FIPS PUB 186-2
ECB
Electronic Code Book chaining method applied to block ciphers
ECDSA
Elliptic Curves DSA as defined in FIPS PUB 186-2
EEPROM
Electrically Erasable Programmable Read-Only Memory
FAT
File Allocation Table - file system from Microsoft®
FIPS
Federal Information Processing Standards
FIPS-approved
An algorithm or technique that is specified or adopted in FIPS
HMAC
Hash-based Message Authentication Code as defined in FIPS PUB 198
Host
Entity that communicates (directly or not) with the device.
HOTP
HMAC-based One Time Password algorithm as defined in RFC 4226
ISO7816
Smart Card interface
MAC
Message Authentication Code - A bit string of fixed length, computed by a MAC generation algo-
rithm, that is used to establish the authenticity and, hence, the integrity of a message.
Master
The device that initiates and terminates a transmission. The Master also generates the clock for syn-
chronous interface.
NIST
National Institute of Standards and Technology
NVM
Non Volatile Memory (EEPROM, flash, …)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com