Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATVaultIC460-R Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 5 Page - ATMEL Corporation

  ATVaultIC460-R Datasheet HTML 1Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 2Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 3Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 4Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 5Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPR0441BX–SMS–09/09
ATVaultIC460
–Starter Kit
with RSA® PKCS#11 [5] and Microsoft® MS-CAPI [6] libraries.
Atmel’s application note [7] presents examples of efficient and cost effective IP protection appli-
cations utilizing secure chips in various embedded systems.
1.5
Typical application
The ATVaultIC460 is a turnkey solution that combines powerful cryptographic capabilities and
secure data storage. A typical application of the ATVaultIC460 is Video Slot Gaming Machines.
Fraud, theft and embezzelment are the big fears of casinos so that they look for security inside
their gaming machines.
An ATVaultIC460 linked to the main processor of the machine allows authentication of the host
controller (casino) and of the slot machine. Moreover physical protection of the sensitive code/
data, data encryption, secure communication channel, data integrity checking are other security
features provided by the ATVaultIC460.
Figure 1-1.
Gaming Application
For more details about the solution, please refer to the Application Note ”How to secure Video
Slot Gaming Machines using VaultICTM Security Modules?”[7].
1.6
Ordering Information
1.6.1
Legal
A Non-Disclosure Agreement must be signed with ATMEL.
An Export License for cryptographic hardware/software must be granted.
1.6.2
Quotation and Volume
For the minimum order of quantity and the annual volume, please contact your local ATMEL
sales office.
Casino
Host Control
Gaming
Machine
Main
Processor
ATVaultIC460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com