Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4437EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4437EVB
Description  Wide Input Voltage Range Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4437EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC4437EVB Datasheet HTML 1Page - Semtech Corporation SC4437EVB Datasheet HTML 2Page - Semtech Corporation SC4437EVB Datasheet HTML 3Page - Semtech Corporation SC4437EVB Datasheet HTML 4Page - Semtech Corporation SC4437EVB Datasheet HTML 5Page - Semtech Corporation SC4437EVB Datasheet HTML 6Page - Semtech Corporation SC4437EVB Datasheet HTML 7Page - Semtech Corporation SC4437EVB Datasheet HTML 8Page - Semtech Corporation SC4437EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.semtech.com
© 2009 Semtech Corp.
SC4437
4
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Load Regulation
dV
OUT/dILOAD
I
OUT = 100µA
T
A = 25°C
3000
4000
ppm/mA
6000
ppm/mA
I
OUT = 10mA
T
A = 25°C
100
150
ppm/mA
250
ppm/mA
I
OUT = 20mA
T
A = 25°C
75
100
ppm/mA
150
ppm/mA
Output Voltage Temperature
Coe cient
dV
OUT/dT
0°C≤ T
J < 105°C
80
120
ppm/°C
Output Short Circuit Current
I
SC
Short V
OUT to GND, TA = 25°C
55
mA
DYNAMIC
Turn-On Settling Time
T
ON
V
IN > VOUT + 2.5V, VOUT settles to ±0.05% of
nal
value
3 (1)
ms
NOTES:
(1)
Guaranteed by design.
Unless speci ed: V
IN= VOUT + 2.5V, IOUT = 0, CIN= 0.1µF, CO = 0µF, -40°C< TA =TJ < 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com