Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4437EVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4437EVB
Description  Wide Input Voltage Range Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4437EVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4437EVB Datasheet HTML 4Page - Semtech Corporation SC4437EVB Datasheet HTML 5Page - Semtech Corporation SC4437EVB Datasheet HTML 6Page - Semtech Corporation SC4437EVB Datasheet HTML 7Page - Semtech Corporation SC4437EVB Datasheet HTML 8Page - Semtech Corporation SC4437EVB Datasheet HTML 9Page - Semtech Corporation SC4437EVB Datasheet HTML 10Page - Semtech Corporation SC4437EVB Datasheet HTML 11Page - Semtech Corporation SC4437EVB Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.semtech.com
© 2009 Semtech Corp.
SC4437
9
Advantage Over Shunt References
The SC4437 is a low power precision series voltage
reference. The series reference has major advantages over
shunt references when the load current has variations and
the reference is powered by a battery. A shunt reference
requires a resistance to connect the input and the output.
This resistance will be designed to consume the maximum
load current. When the actual load current is smaller than
the maximum load current, the difference will be
consumed by the reference. This behavior not only reduce
efficiency but also increase the thermal stress on the
device, thus is not desirable. On the contrary, the series
reference consumes the same current as the load. When
there is no load current required, the device itself
consumes very little current (in the scale of 10s of µA).
Precision Reference Over Wide Input Voltage Range, Load
Conditions and Operating Temperatures
The SC4437 can maintain 1% precision regulation over
wide load range, operating temperature condition and
input voltage range. To provide 3.3V output voltage, the
load can range from 0 to 20mA; the temperature can
range from -40 °C to 125 °C; the input voltage can range
from V
OUT + 0.9V to 28V, depending on the load and
temperature conditions. The input voltage range should
be selected based on the drop out voltage speci cation.
Although the SC4437 can maintain tight regulation over
wide operating conditions, attention should be paid to
the thermal stress of the device. For example, with the
input voltage of 28V and the load current of 20mA, the
power consumption on the device is
P = (28V-3.3V)*0.02A = 0.494W
With the thermal resistance of 202 °C/W, the power
consumption on the chip gives an ambient to junction
temperature increase of 99.8 °C. If the ambient temperature
is higher than 25 °C, then the junction temperature will be
higher than 125°C, thus should be avoided.
Input and Output Capacitances
The SC4437 is stable with or without output capacitors
under all load conditions. Adding output capacitances can
improve the dynamic response under load transient. In
order to obtain optimum performance under load
transient, it is recommended that a 0.1 µF ceramic
capacitor placed at the input and a 1 µF (and up) ceramic
capacitor placed at the output.
Reverse Battery Connection Protection
The SC4437 has reverse battery connection protection.
When the input and ground is reversely connected, the
leakage current from the input is very small (maximum 6
µ
A), protecting both the battery and the device itself.
Load Transient Responses
The following gure shows the circuit setup to test the 1
mA load transient response.
3.3V
IN
OUT
GND
SC4437
C
IN
0.1 µF
5.8V
(optional)
C
O
3.3V
2.3V
1 k
Without output capacitance, the transient response is
shown below.
The high overshoot is due to the high resistance at high
frequency without output capacitance.
With 1µF capacitance, the transient response is improved
signi cantly. The gure below shows the 1mA transient
response with 1 µF capacitance at the output.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com