Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT48R065
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT48R065 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.10
33
June 9, 2009
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
Register
Power-on
Reset
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Idle/Sleep)
PCL
······
0000 0000
0000 0000
0000 0000
0000 0000
MP0
··
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
··
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP0
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
····
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
·
·
---- --- 0
---- --- 0
---- --- 0
---- --- u
ACC
······
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
······
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
··
- - xx xxxx
-- uu uuuu
-- uu uuuu
-- uu uuuu
···
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
·
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
······
---- - 111
---- - 111
---- - 111
---- - uuu
STATUS
······
- - 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC0
······
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
INTC1
·
--- 0 --- 0
--- 0 --- 0
--- 0 --- 0
--- u --- u
·- - 0 -- - 0 -- - 0 -- - 0 -- - 0 -- - 0 -- - u -- - u -
·- 0 - 0 - 0 - 0
- 0 - 0 - 0 - 0
- 0 - 0 - 0 - 0
- u - u - u - u
TMR0
······
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
······
0000 1000
0000 1000
0000 1000
uuuu uuuu
TMR1
···
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
···
0000 1
---
0000 1
---
0000 1
---
uuuu u
---
TMR2
·
xxxx xxxx
xxxx xxxx
xxxx xxxx
uu
- u uuuu
TMR2C
·
00
- 0 1000
00
- 0 1000
00
- 0 1000
uuuu uuuu
PA
······
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
······
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAWK
······
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
······
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
PB
····
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBC
····
- - 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBPU
····
- - 00 0000
- 000 0000
- 000 0000
-- uu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com