Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2882 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 4 Page - Linear Technology

  LTM2882 Datasheet HTML 1Page - Linear Technology LTM2882 Datasheet HTML 2Page - Linear Technology LTM2882 Datasheet HTML 3Page - Linear Technology LTM2882 Datasheet HTML 4Page - Linear Technology LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTM2882
4
2882p
SWITCHING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2882-3 VCC = 3.3V, LTM2882-5 VCC = 5.0V, VL = VCC, and GND =
GND2 = 0V, ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
(T1IN to T1OUT, T2IN to T2OUT)
RL = 3kΩ, CL = 2.5nF (Note 3)
l
100
kbps
RL = 3kΩ, CL = 1nF (Note 3)
l
250
kbps
RL = 3kΩ, CL = 250pF (Note 3)
l
1000
kbps
Maximum Data Rate (DIN to DOUT)
CL = 15pF
l
10
Mbps
Driver
Driver Slew Rate (6V/tTHL or tTLH)RL = 3kΩ, CL = 50pF (Figure 1)
l
150
V/μs
tPHLD, tPLHD
Driver Propagation Delay
RL = 3kΩ, CL = 50pF (Figure 1)
l
0.2
0.5
μs
tSKEWD
Driver Skew |tPHLD – tPLHD|RL = 3kΩ, CL = 50pF (Figure 1)
40
ns
tPZHD, tPZLD
Driver Output Enable Time
DE =
↑ , RL = 3kΩ, CL = 50pF (Figure 2)
l
0.6
2
μs
tPHZD, tPLZD
Driver Output Disable Time
DE =
↓ , RL = 3kΩ, CL = 50pF (Figure 2)
l
0.3
2
μs
Receiver
tPHLR, tPLHR
Receiver Propagation Delay
CL = 150pF (Figure 3)
l
0.2
0.4
μs
tSKEWR
Receiver Skew |tPHLR – tPLHR|CL = 150pF (Figure 3)
40
ns
tRR, tFR
Receiver Rise or Fall Time
CL = 150pF (Figure 3)
l
60
200
ns
Auxiliary Channel
tPHLL, tPLHL
Propagation Delay
CL = 15pF, tR and tF < 4ns (Figure 4)
l
60
100
ns
tRL, tFL
Rise or Fall Time
CL = 150pF (Figure 4)
l
60
200
ns
Power Supply
Power-Up Time
ON =
↑ to VCC2(MIN)
l
0.2
2
ms
ISOLATION CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2882-3 VCC = 3.3V, LTM2882-5 VCC = 5.0V, VL = VCC, and GND =
GND2 = 0V, ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
1 Minute, Derived from 1 Second Test
2500
VRMS
1 Second
±4400
V
Common Mode Transient Immunity
(Note 2)
30
kV/μs
VIORM
Maximum Working Insulation Voltage
(Note 2)
560
VPEAK
Partial Discharge
VPR = 1050 VPEAK (Note 2)
<5
pC
Input to Output Resistance
(Note 2)
>109
Ω
Input to Output Capacitance
(Note 2)
6
pF
Creepage Distance
(Note 2)
9.48
mm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to production test.
Note 3: Maximum Data Rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This device includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above specified maximum operating junction
temperature may result in device degradation or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com